Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43456A9129M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43456A9129M000
Description  Frequency converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43456A9129M000 Datasheet(HTML) 6 Page - EPCOS

  B43456A9129M000 Datasheet HTML 1Page - EPCOS B43456A9129M000 Datasheet HTML 2Page - EPCOS B43456A9129M000 Datasheet HTML 3Page - EPCOS B43456A9129M000 Datasheet HTML 4Page - EPCOS B43456A9129M000 Datasheet HTML 5Page - EPCOS B43456A9129M000 Datasheet HTML 6Page - EPCOS B43456A9129M000 Datasheet HTML 7Page - EPCOS B43456A9129M000 Datasheet HTML 8Page - EPCOS B43456A9129M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
130 10/02
Compact 85 °C
B43456 / B43458
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~R
100 Hz
85 °C
A
I~R(B)
100 Hz
85 °C
A
Ordering code1)
350
1 500
51,6
× 80,7 110
93
16
5,7
11
B4345*A4158M000
2 200
51,6
× 105,7
73
63
21
7,6
14
B4345*A4228M000
3 900
64,3
× 105,7
41
38
32
12
21
B4345*A4398M0002)
5 600
76,9
× 105,7
29
28
43
15
30
B4345*A4568M0002)
8 200
76,9
× 143,2
20
20
50
20
36
B4345*A4828M0002)
12 000
91,0
× 144,5
14
14
70
28
52
B4345*A4129M0002)
15 000
76,9
× 220,7
11
11
50
34
50
B4345*A4159M0002)
18 000
91,0
× 221,0
9
9
70
38
58
B4345*A4189M0002)
400
1 000
51,6
× 80,7 160
133
13
4,6
8,2
B4345*A9108M000
1 500
51,6
× 80,7 110
93
17
6,0
13
B4345*A9158M000
2 200
51,6
× 105,7
73
63
22
8,0
15
B4345*A9228M000
3 300
64,3
× 105,7
49
44
30
11
20
B4345*A9338M0002)
4 700
76,9
× 105,7
34
32
40
14
29
B4345*A9478M0002)
6 800
76,9
× 143,2
24
24
50
19
33
B4345*A9688M0002)
10 000
91,0
× 144,5
16
16
70
25
48
B4345*A9109M0002)
12 000
76,9
× 220,7
14
14
50
31
46
B4345*A9129M0002)
15 000
91,0
× 221,0
11
11
70
35
54
B4345*A9159M0002)
450
1 000
51,6
× 80,7 220
190
13
4,8
9,6
B4345*A5108M000
1 500
51,6
× 105,7 150
130
18
6,5
12
B4345*A5158M000
2 200
64,3
× 105,7 100
85
24
8,4
15
B4345*A5228M0002)
3 300
76,9
× 105,7
65
57
32
12
23
B4345*A5338M0002)
5 600
76,9
× 143,2
38
35
49
17
31
B4345*A5568M0002)
6 800
91,0
× 144,5
32
31
57
20
37
B4345*A5688M0002)
8 200
76,9
× 220,7
26
26
50
24
36
B4345*A5828M0002)
12 000
91,0
× 221,0
18
18
70
32
51
B4345*A5129M0002)
Preferred types
1) * “6” = for capacitors with ring clip/clamp mounting
“8” = for capacitors with threaded stud
2) For 2-pad solution (types withoud threaded stud) and for low-inductance design, see page 128.


Similar Part No. - B43456A9129M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A9129M000 EPCOS-B43456A9129M000 Datasheet
499Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43456A9129M000

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
logo
EPCOS
B43564A4108M000 EPCOS-B43564A4108M000 Datasheet
191Kb / 10P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com