Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43457A9158M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43457A9158M000
Description  Uninterruptible power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43457A9158M000 Datasheet(HTML) 8 Page - EPCOS

  B43457A9158M000 Datasheet HTML 1Page - EPCOS B43457A9158M000 Datasheet HTML 2Page - EPCOS B43457A9158M000 Datasheet HTML 3Page - EPCOS B43457A9158M000 Datasheet HTML 4Page - EPCOS B43457A9158M000 Datasheet HTML 5Page - EPCOS B43457A9158M000 Datasheet HTML 6Page - EPCOS B43457A9158M000 Datasheet HTML 7Page - EPCOS B43457A9158M000 Datasheet HTML 8Page - EPCOS B43457A9158M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
124 10/02
Standard 85 °C
B43455 / B43457
Frequency characteristics of ESR
Typical behavior
Impedance Z
versus frequency f
Typical behavior at 20 °C
KAL0395-4
0,5
10 2
f
1,0
1,5
10 3
2
Hz
a
b
c
100 Hz
f
ESR
ESR
55
0,9
0,8
0,7
0,6
1,2
1,1
B43455/457
KAL0405-F
Z
10
10 1
f
10 2
10 3
10 4
10 5
10 6
10 7
Hz
10 0
10 1
10 2
10 3
1500 µF/250 V
4
4
4
4
6800 µF/160 V
B43455/457
2
_
10 1
_
d (mm)
51,6
64,3
76,9
91,0
Curve
c
baa


Similar Part No. - B43457A9158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43457A9109M000 EPCOS-B43457A9109M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A9109M003 EPCOS-B43457A9109M003 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A9109M007 EPCOS-B43457A9109M007 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A9129M000 EPCOS-B43457A9129M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A9129M003 EPCOS-B43457A9129M003 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43457A9158M000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
Nova Electric. All Righ...
GRSLPFC11-3K60 NOVA-GRSLPFC11-3K60 Datasheet
410Kb / 2P
   UNINTERRUPTIBLE POWER SYSTEM
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
Toshiba Semiconductor
T1000 TOSHIBA-T1000 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com