Electronic Components Datasheet Search |
|
B37923K5220J0 Datasheet(PDF) 2 Page - EPCOS |
|
B37923K5220J0 Datasheet(HTML) 2 Page - EPCOS |
2 / 14 page 119 10/02 Features ■ Ultra-low ESR and high Q factor ■ Tight capacitance tolerances ■ High stability with respect to time, temperature (TCC: 0 ± 60 ppm/°C), frequency and voltage ■ Class 1 characteristic with copper inner electrodes ■ Excellent attenuation ■ High self-resonant frequency ■ Lower power dissipation ■ Less energy absorption Applications ■ High-frequency applications ■ Matching circuits ■ Cellular communication, Bluetooth, DECT ■ Cable TV, satellite TV (LNB), GPS ■ Filters, RF amplifiers, VCOs Termination ■ For soldering: Nickel-barrier terminations (Ni) Options ■ Alternative capacitance tolerances available on request Delivery mode ■ Cardboard tape, 180-mm and 330-mm reel available Electrical data Temperature characteristic C0H Climatic category (IEC 60068-1) 55/125/56 Standard EIA Dielectric Class 1 Rated voltage VR 50 VDC Test voltage Vtest 2,5 · VR/5 s VDC Capacitance range CR 0,3 pF … 82 pF Temperature coefficient 0 ± 60 · 10–6/K Dissipation factor (limit value) tan d < 1,0 · 10–3 Insulation resistance1) at + 25 °C Rins > 105 M W Insulation resistance1) at + 125 °C Rins > 104 M W Time constant1) at + 25 °C t > 1000 s Time constant1) at + 125 °C t > 100 s Operating temperature range Top – 55 … +125 °C Ageing none 1) For CR > 10 nF the time constant t = C · Rins is given. Chip HQF Multilayer Ceramic Capacitors |
Similar Part No. - B37923K5220J0 |
|
Similar Description - B37923K5220J0 |