Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC147M96 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC147M96
Description  High-Speed CMOS Logic 10- to 4-Line Priority Encoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC147M96 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC147M96 Datasheet HTML 3Page - Texas Instruments CD74HC147M96 Datasheet HTML 4Page - Texas Instruments CD74HC147M96 Datasheet HTML 5Page - Texas Instruments CD74HC147M96 Datasheet HTML 6Page - Texas Instruments CD74HC147M96 Datasheet HTML 7Page - Texas Instruments CD74HC147M96 Datasheet HTML 8Page - Texas Instruments CD74HC147M96 Datasheet HTML 9Page - Texas Instruments CD74HC147M96 Datasheet HTML 10Page - Texas Instruments CD74HC147M96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
(RoHS)
CD74HCT147EE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Similar Part No. - CD74HC147M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC147M96 TI-CD74HC147M96 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96 TI-CD74HC147M96 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96 TI-CD74HC147M96 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96E4 TI-CD74HC147M96E4 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96E4 TI-CD74HC147M96E4 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
More results

Similar Description - CD74HC147M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC147 TI-CD54HC147_08 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147 TI-CD74HC147 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com