Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC29IRGZ Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC29IRGZ
Description  STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC29IRGZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC29IRGZ Datasheet HTML 4Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 5Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 6Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 7Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 8Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 9Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 10Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 11Page - Texas Instruments TLV320AIC29IRGZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
TLV320AIC29
SLAS494A − DECEMBER 2005 − REVISED JANUARY 2006
www.ti.com
8
Interchannel isolation
CP_IN to CP_OUT (Differential)
80
dB
Mute attenuation
CP_OUT (Differential) muted
120
dB
(1) DAC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
SPK1 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CP_INP TO 32
Ω RECEIVER
(SPK1−OUT32N)
1020-Hz Sine wave input on CP_IN, Load on
SPK1−OUT32N = 32
Ω (Differential), 50 pF
Full-scale input voltage (0 dB)
0.707
Vrms
Input common mode
1.5
V
Full-scale output voltage (0 dB)
1.697
Vrms
Output common mode
1.5
V
SNR
97
dBA
THD
−82
dB
CP_IN TO (Differential) in to 32
1020-Hz Sine wave input on
CP_INP−CP_OUTN, Load on
SPK1−OUT32N = 32
Ω (Differential), 50 pF
Full-scale input voltage (0 dB)
1.414
Vrms
Input common mode
1.5
V
Full-scale output voltage (0 dB)
1.697
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A−weighted
85
101
dBA
THD
0 dBFs input, 0 dB gain
−82
−60
dB
217 Hz, 100 mV on AVDD1/AVDD2/DRVDD
−74
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD
−74
dB
Interchannel isolation
−85
dB
Mute attenuation
120
dB
Maximum output power
82
mW
DIGITAL INPUT/OUTPUT
Logic family
CMOS
Logic level:
VIH
IIH = +5 µA, IOVDD > 1.5 V
0.7IOVDD
V
Logic level:
VIH
IIH = +5 µA, IOVDD < 1.5 V
0.9IOVDD
V
VIL
IIL = +5 µA
−0.3
0.3IOVDD
V
VOH
IOH = 2 TTL loads
0.8IOVDD
V
VOL
IOL = 2 TTL loads
0.1IOVDD
V
Capacitive load
10
pF


Similar Part No. - TLV320AIC29IRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZRG4 TI-TLV320AIC29IRGZRG4 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC29IRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com