Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC32 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC32
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC32 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TLV320AIC32_07 Datasheet HTML 1Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 2Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 3Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 4Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 5Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 6Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 7Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 8Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV320AIC32
SLAS479B – AUGUST 2005 – REVISED AUGUST 2006
At 25
°C, AVDD, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC
Input signal level (0-dB)
Single-ended input
0.707
VRMS
Signal-to-noise ratio,
Fs = 48 kHz, 0 dB PGA gain, MIC1/LINE1 inputs
80
92
dB
A-weighted(1)(2)
selected and AC-shorted to ground
Fs = 48 kHz, 1-kHz –60 dB full-scale input applied at
Dynamic range, A-weighted(1)(2)
92
dB
MIC1/LINE1 inputs, 0-dB PGA gain
–90
–75
dB
Fs = 48 kHz, 1-kHz –2dB full-scale input applied at
THD
Total harmonic distortion
MIC1/LINE1 inputs, 0-dB PGA gain
0.003%
0.017%
Power supply rejection ratio
234 Hz, 100 mVpp on AVDD, DRVDD
46
dB
1 kHz, –2 dB MIC3L to MIC3R
–80
ADC channel separation
1 kHz, –2 dB MIC2L to MIC2R
–99
dB
1 kHz, –2 dB MIC1L to MIC1R
–-73
ADC gain error
1 kHz input, 0 dB PGA gain
0.7
dB
ADC programmable gain
1-kHz input tone, RSOURCE < 50 Ω
59.5
dB
amplifier maximum gain
ADC programmable gain
0.5
dB
amplifier step size
MIC1/LINE1 inputs, routed to single ADC
20
Input mix attenuation = 0 dB
MIC2/LINE2 inputs, input mix attenuation = 0 dB
20
MIC3/LINE3 inputs, input mix attenuation = 0 dB
20
MIC1/LINE1 inputs,
Input resistance
k
80
input mix attenuation = –12 dB
MIC2/LINE2 inputs,
80
input mix attenuation = –12 dB
MIC3/LINE3 inputs,
80
input mix attenuation = –12 dB
Input capacitance
MIC1/LINE1 inputs
10
pF
Input level control minimum
0
dB
attenuation setting
Input level control maximum
12
dB
attenuation setting
Input level control attenuation
1.5
dB
step size
ADC DIGITAL DECIMATION FILTER,
Fs = 48 kHz
Filter gain from 0 to 0.39 Fs
±0.1
dB
Filter gain at 0.4125 Fs
–0.25
dB
Filter gain at 0.45 Fs
–3
dB
Filter gain at 0.5 Fs
–17.5
dB
Filter gain from 0.55 Fs to 64 Fs
–75
dB
Filter group delay
17/Fs
Sec
MICROPHONE BIAS
2.0
2.25
2.5
2.75
Bias voltage
Programmable settings, load = 750
V
AVDD-
0.2
(1)
Ratio of output level with 1-kHz full-scale sine wave input, to the output level with the inputs short circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
5
Submit Documentation Feedback


Similar Part No. - TLV320AIC32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
More results

Similar Description - TLV320AIC32_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com