Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC32IRHBT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV320AIC32IRHBT
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC32IRHBT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button TLV320AIC32IRHBT Datasheet HTML 6Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 7Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 8Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 9Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 10Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 11Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 12Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 13Page - Burr-Brown (TI) TLV320AIC32IRHBT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
www.ti.com
WCLK
SDOUT
BCLK
SDIN
td(DO-BCLK)
tL(BCLK)
tH(BCLK)
tP(BCLK)
ts(DI)
th(DI)
th(WS)
ts(WS)
th(WS)
ts(WS)
TIMING CHARACTERISTICS
(1)
TLV320AIC32
SLAS479B – AUGUST 2005 – REVISED AUGUST 2006
Figure 5. DSP Timing in Slave Mode
All specifications typical at 25
°C, DVDD = 1.8 V
IOVDD = 1.1 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH (BCLK)
BCLK high period
70
35
ns
tL (BCLK)
BCLK low period
70
35
ns
ts(WS)
ADWS/WCLK setup time
10
8
ns
th(WS)
ADWS/WCLK hold time
10
8
ns
td (DO-BCLK)
BCLK to DOUT delay time
50
20
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
8
4
ns
tf
Fall time
8
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
10
Submit Documentation Feedback


Similar Part No. - TLV320AIC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC32IRHB BURR-BROWN-TLV320AIC32IRHB Datasheet
4Mb / 72P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32IRHBR BURR-BROWN-TLV320AIC32IRHBR Datasheet
4Mb / 72P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32IRHBRG4 BURR-BROWN-TLV320AIC32IRHBRG4 Datasheet
4Mb / 72P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com