Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424TDKDQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5424TDKDQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5424TDKDQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5424TDKDQ1 Datasheet HTML 1Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 2Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 3Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 4Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 5Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 6Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 7Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 8Page - Texas Instruments TAS5424TDKDQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
TYPE(1)
DESCRIPTION
TAS5414
TAS5424
NAME
NO.
NO.
A_BYP
13
14
PBY
Bypass capacitor for the AVDD analog regulator
Open-drain CLIP, OTW, or logical OR of the CLIP and OTW outputs. It also
CLIP_OTW
9
10
DO
reports tweeter detection during tweeter mode.
CP
28
34
CP
Top of main storage capacitor for charge pump (bottom goes to PVDD)
CPC_BOT
27
33
CP
Bottom of flying capacitor for charge pump
CPC_TOP
29
35
CP
Top of flying capacitor for charge pump
D_BYP
8
9
PBY
Bypass pin for DVDD regulator output
FAULT
5
5
DO
Global fault output (open drain): UV, OV, OTSD, OCSD, DC
GND
10
7, 11
DG
Ground
I2C_ADDR
2
2
AI
I2C address bit
IN1_M
N/A
16
AI
Inverting analog input for channel 1 (TAS5424 only)
IN1_P
14
15
AI
Non-inverting analog input for channel 1
IN2_M
N/A
18
AI
Inverting analog input for channel 2 (TAS5424 only)
IN2_P
15
17
AI
Non-inverting analog input for channel 2
IN3_M
N/A
20
AI
Inverting analog input for channel 3 (TAS5424 only)
IN3_P
17
19
AI
Non-inverting analog input for channel 3
IN4_M
N/A
22
AI
Inverting analog input for channel 4 (TAS5424 only)
IN4_P
18
21
AI
Non-inverting analog input for channel 4
IN_M
16
N/A
ARTN
Signal return for the 4 analog channel inputs (TAS5414 only)
MUTE
6
6
AI
Gain ramp control: mute (low), play (high)
Oscillator sync input from master or output to slave amplifiers (20 MHz divided by
OSC_SYNC
1
1
DI/DO
5, 6, or 7)
OUT1_M
34
41
PO
– polarity output for bridge 1
OUT1_P
33
40
PO
+ polarity output for bridge 1
OUT2_M
31
37
PO
– polarity output for bridge 2
OUT2_P
30
36
PO
+ polarity output for bridge 2
OUT3_M
25
31
PO
– polarity output for bridge 3
OUT3_P
24
30
PO
+ polarity output for bridge 3
OUT4_M
22
27
PO
– polarity output for bridge 4
OUT4_P
21
26
PO
+ polarity output for bridge 4
28, 29, 32,
PGND
23, 26, 32
PGND
Power GND
38, 39
19, 20, 35,
23, 24, 25,
PVDD
PWR
PVDD supply
36
42, 43, 44
REXT
12
13
AI
Precision resistor pin to set clock frequency
SCL
4
4
DI
I2C clock input from system I2C master
SDA
3
3
DI/DO
I2C data I/O for communication with system I2C master
SGND
11
12
AG/DG
Signal ground (analog and digital signal ground)
STANDBY
7
8
DI
Active-low STANDBY pin. Standby (low), power up (high)
(1)
DI = digital input, DO = digital output, AI = analog input, ARTN = analog signal return, PWR = power supply, PGND = power ground,
PBY = power bypass, PO = power output, AG = analog ground, DG = digital ground, CP = charge pump.
5
Submit Documentation Feedback


Similar Part No. - TAS5424TDKDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424TDKDQ1 TI-TAS5424TDKDQ1 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424TDKDQ1 TI-TAS5424TDKDQ1 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424TDKDQ1G4 TI-TAS5424TDKDQ1G4 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424TDKDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com