Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26001 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26001
Description  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26001 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM26001 Datasheet HTML 1Page - National Semiconductor (TI) LM26001 Datasheet HTML 2Page - National Semiconductor (TI) LM26001 Datasheet HTML 3Page - National Semiconductor (TI) LM26001 Datasheet HTML 4Page - National Semiconductor (TI) LM26001 Datasheet HTML 5Page - National Semiconductor (TI) LM26001 Datasheet HTML 6Page - National Semiconductor (TI) LM26001 Datasheet HTML 7Page - National Semiconductor (TI) LM26001 Datasheet HTML 8Page - National Semiconductor (TI) LM26001 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
20179402
Top View
16-Lead Plastic TSSOP
Ordering Information
Order Number
Package Type
Package Drawing
Package Marking
Supplied As
LM26001MXA
TSSOP-16EXP
MXA16A
LM26001EM
92 Units of Rail
LM26001MXAX
TSSOP-16EXP
MXA16A
LM26001EM
2500 Units of Tape and Reel
Pin Descriptions
Pin #
Pin Name
Description
1
VIN
Power supply input
2
VIN
Power supply input
3
PGOOD
Power Good pin. An open drain output which goes high when the output voltage is greater than
92% of nominal.
4
EN
Enable is an analog level input pin. When pulled below 0.8V, the device enters shutdown
mode.
5
SS
Soft-start pin. Connect a capacitor from this pin to GND to set the soft-start time.
6
COMP
Compensation pin. Connect to a resistor capacitor pair to compensate the control loop.
7
FB
Feedback pin. Connect to a resistor divider between Vout and GND to set output voltage.
8
GND
Ground
9
FREQ
Frequency adjust pin. Connect a resistor from this pin to GND to set the operating frequency.
10
FPWM
FPWM is a logic level input pin. For normal operation, connect to GND. When pulled high,
sleep mode operation is disabled.
11
SYNC
Frequency synchronization pin. Connect to an external clock signal for synchronized operation.
SYNC must be pulled low for non-synchronized operation.
12
VBIAS
Connect to an external 3V or greater supply to bypass the internal regulator for improved
efficiency. If not used, VBIAS should be tied to GND.
13
VDD
The output of the internal regulator. Bypass with a minimum 1.0 µF capacitor.
14
BOOT
Bootstrap capacitor pin. Connect a 0.1µF minimum ceramic capacitor from this pin to SW to
generate the gate drive bootstrap voltage.
15
SW
Switch pin. The source of the internal N-channel switch.
16
SW
Switch pin. The source of the internal N-channel switch.
EP
EP
Exposed Pad thermal connection. Connect to GND.
www.national.com
2


Similar Part No. - LM26001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 TI-LM26001 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001-Q1 TI-LM26001-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

Similar Description - LM26001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com