Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07K40 Datasheet(PDF) 9 Page - EPCOS

Part # S07K40
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K40 Datasheet(HTML) 9 Page - EPCOS

Back Button S07K40 Datasheet HTML 5Page - EPCOS S07K40 Datasheet HTML 6Page - EPCOS S07K40 Datasheet HTML 7Page - EPCOS S07K40 Datasheet HTML 8Page - EPCOS S07K40 Datasheet HTML 9Page - EPCOS S07K40 Datasheet HTML 10Page - EPCOS S07K40 Datasheet HTML 11Page - EPCOS S07K40 Datasheet HTML 12Page - EPCOS S07K40 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
167 04/02
S05K275
430
± 10
710
5,0
50
247
274
S07K275
430
± 10
710
10,0
95
247
275
S10K275
430
± 10
710
25,0
195
248
276
S14K275
430
± 10
710
50,0
320
250
277
S20K275
430
± 10
710
100,0
630
252
278
S05K300
470
± 10
775
5,0
45
247
274
S07K300
470
± 10
775
10,0
90
247
275
S10K300
470
± 10
775
25,0
180
248
276
S14K300
470
± 10
775
50,0
300
250
277
S20K300
470
± 10
775
100,0
580
252
278
S10K320
510
± 10
840
25,0
170
248
276
S14K320
510
± 10
840
50,0
280
250
277
S20K320
510
± 10
840
100,0
540
252
278
S05K385
620
± 10
1025
5,0
40
247
274
S07K385
620
± 10
1025
10,0
75
247
275
S10K385
620
± 10
1025
25,0
150
249
276
S14K385
620
± 10
1025
50,0
240
250
277
S20K385
620
± 10
1025
100,0
450
252
278
S05K420
680
± 10
1120
5,0
35
247
274
S07K420
680
± 10
1120
10,0
65
247
275
S10K420
680
± 10
1120
25,0
135
249
276
S14K420
680
± 10
1120
50,0
220
250
277
S20K420
680
± 10
1120
100,0
420
252
278
S05K440
715
± 10
1180
5,0
32
247
274
S07K440
715
± 10
1180
10,0
60
247
275
S10K440
715
± 10
1180
25,0
125
249
276
S14K440
715
± 10
1180
50,0
210
250
277
S20K440
715
± 10
1180
100,0
400
252
278
S05K460
750
± 10
1240
5,0
30
247
274
S07K460
750
± 10
1240
10,0
55
247
275
S10K460
750
± 10
1240
25,0
120
249
276
S14K460
750
± 10
1240
50,0
200
250
277
S20K460
750
± 10
1240
100,0
380
252
278
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
StandarD Series
Leaded Varistors


Similar Part No. - S07K40

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
S07K420K11 TDK-S07K420K11 Datasheet
770Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
S07K440K11 TDK-S07K440K11 Datasheet
770Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
S07K460K11 TDK-S07K460K11 Datasheet
770Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
More results

Similar Description - S07K40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com