Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM600TU-2A Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FM600TU-2A
Description  HIGH POWER SWITCHING USE INSULATED PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FM600TU-2A Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FM600TU-2A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FM600TU-2A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FM600TU-2A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FM600TU-2A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FM600TU-2A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
May 2006
MITSUBISHI <MOSFET MODULE>
FM600TU-2A
HIGH POWER SWITCHING USE
INSULATED PACKAGE
0
4
8
12
16
20
0
500
1000
1500
2000
2500
0.5
0.6
0.7
0.8
0.9
1.0
101
102
2
3
5
7
103
2
3
5
7
101
102
23
5
7
103
23
5
7
101
102
2
3
5
7
103
2
3
5
7
101
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
0
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
101
102
23
5
7
103
23
5
7
10–2
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
101
7
5
3
2
102
10
20
30
40
515
253545
010
20
30
40
515
25
35
45
VGS = 0V
Tch = 25
°C
Tch = 125
°C
VDD = 24V
VDD = 48V
ID = 300A
Conditions:
VDD = 48V
VGS =
±15V
RG = 4.2
Tch = 125
°C
Inductive load
td(off)
Conditions:
VDD = 48V
VGS =
±15V
RG = 4.2
Tch = 125
°C
Inductive load
Esw(off)
Esw(on)
Err
Conditions:
VDD = 48V
VGS =
±15V
ID = 300A
Tch = 125
°C
Inductive load
Esw(off)
Esw(on)
Err
td(on)
tf
tr
Conditions:
VDD = 48V
VGS =
±15V
ID = 300A
Tch = 125
°C
Inductive load
td(off)
td(on)
tf
tr
GATE CHARGE CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN CURRENT ID (A)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
GATE RESISTANCE RG (
Ω)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN CURRENT ID (A)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
GATE RESISTANCE RG (
Ω)
Chip


Similar Part No. - FM600TU-2A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM600TU-2A MITSUBISHI-FM600TU-2A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
logo
Powerex Power Semicondu...
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
logo
Mitsubishi Electric Sem...
FM600TU-2A MITSUBISHI-FM600TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

Similar Description - FM600TU-2A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
109Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-3A MITSUBISHI-FM400TU-3A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-3A MITSUBISHI-FM600TU-3A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-07A MITSUBISHI-FM400TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-2A MITSUBISHI-FM400TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-07A MITSUBISHI-FM600TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-07A MITSUBISHI-FM400TU-07A_09 Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com