Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM600TU-3A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FM600TU-3A
Description  HIGH POWER SWITCHING USE INSULATED PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FM600TU-3A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FM600TU-3A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FM600TU-3A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FM600TU-3A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FM600TU-3A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FM600TU-3A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
May 2006
PERFORMANCE CURVES
MITSUBISHI <MOSFET MODULE>
FM600TU-3A
HIGH POWER SWITCHING USE
INSULATED PACKAGE
0
200
100
400
300
500
600
0
0.4
0.8
1.2
1.6
2.0
DRAIN-SOURCE VOLTAGE VDS (V)
0
500
400
100
300
200
600
579
11
13
15
0
0.5
1.0
1.5
2.0
2.5
3.0
048
12
1620
040
80
120
160
20
60
100
140
0
3
4
1
2
5
6
7
040
80
120
160
20
60
100
140
100
101
2
3
5
7
102
2
3
5
7
10–1 2
100
35 7
2
101
35 7
2
102
35 7
0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
VGS = 20V
Tch = 25
°C
Tch = 25
°C
VGS = 12V
VGS = 15V
15V
12V
10V
9V
ID = 300A
ID = 300A
ID = 150A
ID = 600A
VDS = 10V
Tch = 25
°C
Tch = 125
°C
VDS = 10V
ID = 30mA
Ciss
Coss
Crss
VGS = 0V
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CHANNEL TEMPERATURE Tch (
°C)
DRAIN-SOURCE ON-STATE
VOLTAGE VS. TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (
°C)
GATE THRESHOLD
VOLTAGE VS. TEMPERATURE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
DRAIN-SOURCE ON-STATE
VOLTAGE VS. GATE BIAS
(TYPICAL)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
Chip
Chip
Chip
Chip


Similar Part No. - FM600TU-3A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM600TU-3A MITSUBISHI-FM600TU-3A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
logo
Powerex Power Semicondu...
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
logo
Mitsubishi Electric Sem...
FM600TU-3A MITSUBISHI-FM600TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

Similar Description - FM600TU-3A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
109Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-3A MITSUBISHI-FM400TU-3A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-07A MITSUBISHI-FM400TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-2A MITSUBISHI-FM400TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-2A MITSUBISHI-FM600TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-07A MITSUBISHI-FM600TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-07A MITSUBISHI-FM400TU-07A_09 Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com