Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41866C3109M001 Datasheet(PDF) 9 Page - EPCOS

Part # B41866C3109M001
Description  Single-ended capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41866C3109M001 Datasheet(HTML) 9 Page - EPCOS

Back Button B41866C3109M001 Datasheet HTML 5Page - EPCOS B41866C3109M001 Datasheet HTML 6Page - EPCOS B41866C3109M001 Datasheet HTML 7Page - EPCOS B41866C3109M001 Datasheet HTML 8Page - EPCOS B41866C3109M001 Datasheet HTML 9Page - EPCOS B41866C3109M001 Datasheet HTML 10Page - EPCOS B41866C3109M001 Datasheet HTML 11Page - EPCOS B41866C3109M001 Datasheet HTML 12Page - EPCOS B41866C3109M001 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
IAC,max
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 25 V DC
1000
12.5
× 20
0.881
0.215 0.110
0.104
1105
1546
B41866C5108M***
1200
12.5
× 25
0.710
0.179 0.089
0.082
1358
1901
B41866C5128M***
1500
12.5
× 25
0.710
0.143 0.089
0.082
1358
1901
B41866C5158M***
1800
16
× 20
0.401
0.119 0.050
0.046
1895
2652
B41866C5188M***
2200
12.5
× 40
0.406
0.109 0.051
0.047
2185
3058
B41866C5228M***
2200
16
× 25
0.314
0.109 0.039
0.037
2279
3190
B41866D5228M***
2200
18
× 20
0.341
0.109 0.043
0.040
2190
3066
B41866E5228M***
2700
16
× 31.5
0.249
0.089 0.031
0.029
2822
3950
B41866C5278M***
3300
18
× 31.5
0.226
0.080 0.028
0.027
3178
4450
B41866C5338M***
3900
18
× 35
0.187
0.068 0.023
0.022
3638
5093
B41866C5398M***
4700
18
× 40
0.153
0.062 0.019
0.018
4244
5941
B41866C5478M***
VR = 35 V DC
100
8
× 11.5
5.170
1.516 0.646
0.573
297
416
B41866C7107M***
120
8
× 11.5
5.170
1.263 0.646
0.573
297
416
B41866C7127M***
150
10
× 12.5
2.980
1.011 0.373
0.336
450
630
B41866C7157M***
180
10
× 12.5
2.980
0.842 0.373
0.336
450
630
B41866C7187M***
220
10
× 12.5
2.980
0.689 0.373
0.336
450
630
B41866C7227M***
270
10
× 16
1.404
0.561 0.175
0.160
714
1000
B41866C7277M***
330
10
× 16
1.404
0.459 0.175
0.160
714
1000
B41866C7337M***
390
10
× 20
1.070
0.389 0.134
0.127
875
1225
B41866C7397M***
470
10
× 20
1.070
0.323 0.134
0.127
875
1225
B41866C7477M***
560
12.5
× 20
0.881
0.271 0.110
0.104
1105
1546
B41866C7567M***
680
12.5
× 20
0.881
0.223 0.110
0.104
1105
1546
B41866C7687M***
820
12.5
× 25
0.710
0.185 0.089
0.082
1358
1901
B41866C7827M***
1000
16
× 20
0.401
0.152 0.050
0.046
1895
2652
B41866C7108M***
1200
16
× 25
0.314
0.126 0.039
0.037
2279
3190
B41866C7128M***
1500
16
× 25
0.314
0.101 0.039
0.037
2279
3190
B41866C7158M***
1500
18
× 20
0.341
0.101 0.043
0.040
2190
3066
B41866D7158M***
B41866
High ripple current
125
°C
Page 9 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41866C3109M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41866C3109M001 EPCOS-B41866C3109M001 Datasheet
606Kb / 32P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41866C3109M001 TDK-B41866C3109M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41866C3109M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com