Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41605A8408M009 Datasheet(PDF) 5 Page - EPCOS

Part # B41605A8408M009
Description  Large size Aluminum electrolytic capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41605A8408M009 Datasheet(HTML) 5 Page - EPCOS

  B41605A8408M009 Datasheet HTML 1Page - EPCOS B41605A8408M009 Datasheet HTML 2Page - EPCOS B41605A8408M009 Datasheet HTML 3Page - EPCOS B41605A8408M009 Datasheet HTML 4Page - EPCOS B41605A8408M009 Datasheet HTML 5Page - EPCOS B41605A8408M009 Datasheet HTML 6Page - EPCOS B41605A8408M009 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
EPCOS AG
Data sheet
B41605
Characteristics
100
1.0
40
0
0.5
50
60
80
70
90
~
Ι~
Ι
1.5
2.0
2.5
R
3.0
140
120
110
130
A
T
˚C 160
KAL0957-T
B41605
100
1.5
40
0
0.5
1.0
50
60
80
70
90
~
Ι~
Ι
2.5
2.0
3.0
3.5
R
4.0
140
120
110
130
C
T
˚C 160
KAL0958-2
B41605
100
1.0
40
0
0.5
50
60
80
70
90
~
Ι~
Ι
1.5
2.0
2.5
R
3.0
140
120
110
130
A
T
˚C 160
KAL0959-A
B41605
100
1.0
40
0
0.5
50
60
80
70
90
~
Ι~
Ι
1.5
2.0
2.5
R
3.0
140
120
110
130
C
T
˚C 160
B41605
KAL0960-D
Useful life
depending on ambient temperature TA under ripple
current operating conditions at Vop
VR = 25 V: Vop ≤ 20 V
VR = 40 V: Vop ≤ 35 V
VR = 55 V: Vop ≤ 48 V
VR = 63 V: Vop ≤ 55 V
Useful life
depending on case temperature TC under ripple current
operating conditions at Vop
VR = 25 V: Vop ≤ 20 V
VR = 40 V: Vop ≤ 35 V
VR = 55 V: Vop ≤ 48 V
VR = 63 V: Vop ≤ 55 V
Useful life
depending on ambient temperature TA under ripple
current operating conditions at VR
Useful life
depending on case temperature TC under ripple
current operating conditions at VR


Similar Part No. - B41605A8408M009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41605A8208M002 EPCOS-B41605A8208M002 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
B41605A8208M008 EPCOS-B41605A8208M008 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
B41605A8208M009 EPCOS-B41605A8208M009 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
B41605A8398M002 EPCOS-B41605A8398M002 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
B41605A8398M008 EPCOS-B41605A8398M008 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41605A8408M009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
logo
TDK Electronics
B43508 TDK-B43508 Datasheet
534Kb / 14P
   Aluminum electrolytic capacitors Large-size capacitors
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
B41605 TDK-B41605 Datasheet
753Kb / 18P
   Aluminum electrolytic capacitors Large-size capacitors
B43504 TDK-B43504 Datasheet
550Kb / 14P
   Aluminum electrolytic capacitors Large-size capacitors
logo
Panasonic Semiconductor
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com