Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT374AM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHCT374AM
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT374AM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHCT374AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT374A Rev. 1.3
4
DC Electrical Characteristics
Noise Characteristics
Note:
6. Parameter guaranteed by design.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min. Typ. Max. Min. Max.
VIH
HIGH Level Input Voltage
4.5
2.0
2.0
V
5.5
2.0
2.0
VIL
LOW Level Input Voltage
4.5
0.8
0.8
V
5.5
0.8
0.8
VOH
HIGH Level Output
Voltage
4.5
VIN = VIH
or VIL
IOH = –50µA
4.40
4.50
4.40
V
IOH = –8mA
3.94
3.80
VOL
LOW Level Output
Voltage
4.5
VIN = VIH
or VIL
IOL = +50µA
0.0
0.1
0.1
V
IOL = +8mA
0.36
0.44
IOZ
3-STATE Output
OFF-State Current
5.5
VIN = VIH or VIL,
VOUT = VCC or GND
±0.25
±2.5
µA
IIN
Input Leakage Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VIN = VCC or GND
4.0
40.0
µA
ICCT
Maximum ICC/Input
5.5
VIN = 3.4V, Other
Inputs
= V
CC or GND
1.35
1.50
mA
IOFF
Output Leakage Current
(Power Down State)
0.0
VOUT = 5.5V
0.5
5.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(6)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
1.2
1.6
V
VOLV
(6)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–1.2
–1.6
V
VIHD
(6)
Minimum HIGH Level Dynamic
Input Voltage
5.0
CL = 50pF
2.0
V
VILD
(6)
Maximum LOW Level Dynamic
Input Voltage
5.0
CL = 50pF
0.8
V


Similar Part No. - 74VHCT374AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT374AM STMICROELECTRONICS-74VHCT374AM Datasheet
73Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHCT374AM FAIRCHILD-74VHCT374AM Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHCT374AM FAIRCHILD-74VHCT374AM Datasheet
108Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHCT374AM ONSEMI-74VHCT374AM Datasheet
270Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT374AMTC FAIRCHILD-74VHCT374AMTC Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74VHCT374AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com