Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT374AM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHCT374AM
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT374AM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHCT374AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT374A Rev. 1.3
5
AC Electrical Characteristics
Notes:
7. Parameter guaranteed by design. tOSLH = |tPLH max – tPLH min|; tOSHL = |tPHL max – tPHL min|
8. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fIN + ICC / 8 (per F/F). The total CPD when n pcs. of the octal D Flip-Flop operates
can be calculated by the equation: CPD(total) = 20 + 12m
AC Operating Requirements
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ. Max. Min.
Max.
tPLH, tPHL
Propagation Delay
Time
5.0 ± 0.5
CL = 15pF
4.1
9.4
1.0
10.5
ns
CL = 50pF
5.6
10.4
1.0
11.5
tPZL, tPZH
3-STATE Output
Enable Time
5.0 ± 0.5
RL = 1kΩ CL = 15pF
6.5
10.2
1.0
11.5
ns
CL = 50pF
7.3
11.2
1.0
12.5
tPLZ, tPHZ
3-STATE Output
Disable Time
5.0 ± 0.5
RL = 1kΩ CL = 50pF
7.0
11.2
1.0
12.0
ns
tOSLH, tOSHL Output to Output
Skew
5.0 ± 0.5 (7)
1.0
1.0
ns
fMAX
Maximum Clock
Frequency
5.0 ± 0.5
CL = 15pF
90
140
80
MHz
CL = 50pF
85
130
75
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
9
pF
CPD
Power Dissipation
Capacitance
(8)
25
pF
Symbol
Parameter
VCC (V)
TA = 25°C
TA = –40°C to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tW(H), tW(L) Minimum Pulse Width (CP)
5.0 ± 0.5
6.5
8.5
ns
tS
Minimum Set-up Time
5.0 ± 0.5
2.5
2.5
ns
tH
Minimum Hold Time
5.0 ± 0.5
2.5
2.5
ns


Similar Part No. - 74VHCT374AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT374AM STMICROELECTRONICS-74VHCT374AM Datasheet
73Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHCT374AM FAIRCHILD-74VHCT374AM Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHCT374AM FAIRCHILD-74VHCT374AM Datasheet
108Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHCT374AM ONSEMI-74VHCT374AM Datasheet
270Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT374AMTC FAIRCHILD-74VHCT374AMTC Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74VHCT374AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com