Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S05K230 Datasheet(PDF) 6 Page - EPCOS

Part # S05K230
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S05K230 Datasheet(HTML) 6 Page - EPCOS

Back Button S05K230 Datasheet HTML 2Page - EPCOS S05K230 Datasheet HTML 3Page - EPCOS S05K230 Datasheet HTML 4Page - EPCOS S05K230 Datasheet HTML 5Page - EPCOS S05K230 Datasheet HTML 6Page - EPCOS S05K230 Datasheet HTML 7Page - EPCOS S05K230 Datasheet HTML 8Page - EPCOS S05K230 Datasheet HTML 9Page - EPCOS S05K230 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
164 04/02
S05K115
B72205S0111K101
115
150
400
3,6
0,10
S07K115
B72207S0111K101
115
150
1200
8,4
0,25
S10K115
B72210S0111K101
115
150
2500
18,0
0,40
S14K115
B72214S0111K101
115
150
4500
30,0
0,60
S20K115
B72220S0111K101
115
150
6500
60,0
1,00
S05K130
B72205S0131K101
130
170
400
4,2
0,10
S07K130
B72207S0131K101
130
170
1200
9,5
0,25
S10K130
B72210S0131K101
130
170
2500
19,0
0,40
S14K130
B72214S0131K101
130
170
4500
34,0
0,60
S20K130
B72220S0131K101
130
170
8000
74,0
1,00
S05K140
B72205S0141K101
140
180
400
4,5
0,10
S07K140
B72207S0141K101
140
180
1200
10,0
0,25
S10K140
B72210S0141K101
140
180
2500
22,0
0,40
S14K140
B72214S0141K101
140
180
4500
36,0
0,60
S20K140
B72220S0141K101
140
180
8000
78,0
1,00
S05K150
B72205S0151K101
150
200
400
4,9
0,10
S07K150
B72207S0151K101
150
200
1200
11,0
0,25
S10K150
B72210S0151K101
150
200
2500
24,0
0,40
S14K150
B72214S0151K101
150
200
4500
40,0
0,60
S20K150
B72220S0151K101
150
200
8000
85,0
1,00
S05K175
B72205S0171K101
175
225
400
5,6
0,10
S07K175
B72207S0171K101
175
225
1200
13,0
0,25
S10K175
B72210S0171K101
175
225
2500
28,0
0,40
S14K175
B72214S0171K101
175
225
4500
46,0
0,60
S20K175
B72220S0171K101
175
225
8000
98,0
1,00
S05K230
B72205S0231K101
230
300
400
7,2
0,10
S07K230
B72207S0231K101
230
300
1200
17,0
0,25
S10K230
B72210S0231K101
230
300
2500
36,0
0,40
S14K230
B72214S0231K101
230
300
4500
60,0
0,60
S20K230
B72220S0231K101
230
300
8000
130,0
1,00
S05K250
B72205S0251K101
250
320
400
8,2
0,10
S07K250
B72207S0251K101
250
320
1200
19,0
0,25
S10K250
B72210S0251K101
250
320
2500
38,0
0,40
S14K250
B72214S0251K101
250
320
4500
65,0
0,60
S20K250
B72220S0251K101
250
320
8000
140,0
1,00
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
StandarD Series
Leaded Varistors


Similar Part No. - S05K230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S05K230 ETC1-S05K230 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S05K230E2 EPCOS-S05K230E2 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - S05K230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com