Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43305A2687M007 Datasheet(PDF) 11 Page - EPCOS

Part # B43305A2687M007
Description  General-purpose grade capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305A2687M007 Datasheet(HTML) 11 Page - EPCOS

Back Button B43305A2687M007 Datasheet HTML 7Page - EPCOS B43305A2687M007 Datasheet HTML 8Page - EPCOS B43305A2687M007 Datasheet HTML 9Page - EPCOS B43305A2687M007 Datasheet HTML 10Page - EPCOS B43305A2687M007 Datasheet HTML 11Page - EPCOS B43305A2687M007 Datasheet HTML 12Page - EPCOS B43305A2687M007 Datasheet HTML 13Page - EPCOS B43305A2687M007 Datasheet HTML 14Page - EPCOS B43305A2687M007 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
4)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R4)
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Terminal style
0 = snap-in standard terminals (6.3
±1) mm
2 = snap-in 3 terminals (4.5
1) mm
7 = snap-in short terminals (4.5
1) mm
VR = 450 V DC
68
22
× 25
1990
2800
1.37
0.70
B43305A5686M00*
82
22
× 25
1650
2320
1.50
0.76
B43305A5826M00*
100
22
× 25
1360
1900
1.66
0.85
B43305A5107M00*
120
22
× 30
1130
1590
1.90
0.97
B43305A5127M00*
120
25
× 25
1130
1590
1.90
0.97
B43305B5127M00*
150
22
× 35
900
1270
2.20
1.12
B43305A5157M00*
150
25
× 30
900
1270
2.21
1.13
B43305B5157M00*
180
22
× 40
750
1060
2.48
1.26
B43305A5187M00*
180
25
× 30
750
1060
2.42
1.23
B43305B5187M00*
180
30
× 25
750
1060
2.49
1.27
B43305C5187M00*
220
22
× 45
620
870
2.82
1.44
B43305A5227M00*
220
25
× 35
620
870
2.78
1.41
B43305B5227M00*
220
30
× 30
620
870
2.87
1.46
B43305C5227M00*
270
22
× 50
500
710
3.20
1.63
B43305A5277M00*
270
25
× 40
500
710
3.17
1.62
B43305B5277M00*
270
30
× 30
500
710
3.18
1.62
B43305C5277M00*
270
35
× 25
500
710
3.04
1.55
B43305D5277M00*
330
25
× 50
410
580
3.70
1.88
B43305A5337M00*
330
30
× 35
410
580
3.64
1.86
B43305B5337M00*
330
35
× 30
410
580
3.73
1.90
B43305C5337M00*
390
25
× 55
350
490
4.11
2.09
B43305A5397M00*
390
30
× 40
350
490
4.36
2.22
B43305B5397M00*
390
35
× 30
350
490
4.06
2.07
B43305C5397M00*
470
30
× 45
290
410
4.92
2.51
B43305A5477M00*
470
35
× 35
290
410
4.62
2.35
B43305B5477M00*
560
30
× 50
240
340
5.50
2.81
B43305A5567M00*
560
35
× 40
240
340
5.20
2.65
B43305B5567M00*
680
35
× 45
200
280
5.89
3.00
B43305A5687M00*
820
35
× 55
170
240
6.79
3.46
B43305A5827M00*
B43305
Ultra compact
85
°C
Page 11 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43305A2687M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43305A2687M007 EPCOS-B43305A2687M007 Datasheet
1,007Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43305A2687M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41889 EPCOS-B41889 Datasheet
648Kb / 23P
   General-purpose grade capacitors
logo
List of Unclassifed Man...
MCGPR100V227M16X26-RH ETC2-MCGPR100V227M16X26-RH Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
   85C General Purpose Ceramic Disc Capacitors
logo
AVX Corporation
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com