Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7DB-12B1AH Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7DB-12B1AH
Description  NON-ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DB-12B1AH Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7DB-12B1AH Datasheet HTML 1Page - Bel Fuse Inc. S7DB-12B1AH Datasheet HTML 2Page - Bel Fuse Inc. S7DB-12B1AH Datasheet HTML 3Page - Bel Fuse Inc. S7DB-12B1AH Datasheet HTML 4Page - Bel Fuse Inc. S7DB-12B1AH Datasheet HTML 5Page - Bel Fuse Inc. S7DB-12B1AH Datasheet HTML 6Page - Bel Fuse Inc. S7DB-12B1AH Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
5.0V Input
0.9V to 3.3V/12A Output
Non-Isolated
Remote On/Off
Fixed frequency (300kHz)
Input Under-voltage Lockout (UVLO)
Low profile package (8.5mm)
OCP/SCP
Remote Sense
Wide Trim Range/output
Description
The S7DB-12B1Ax is part of the low cost non-isolated DC/DC power converter series. The module uses a DIP
package for ease of layout and space savings, with a low profile of 8.5mm. The output is widely trimmed from
0.9V to 3.3V, and the efficiency of 3.3V output module is typically 92% at full load. Features include remote
sense, remote on/off, short circuit protection, over current protection and input under-voltage lockout.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
0.9 – 3.3V
5V
12A
39.6W
92%
S7DB-12B1AH
S7DB-12B1A0
Note:
Add “R” suffix at the end of the model number to indicate “Reel Packaging”, and “G” for “Tray
Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
6V
Output Enable Terminal Voltage
-0.3V
-
6V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
100
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
4.5V
5.0V
5.5V
Input Current (full load)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Vo=1.0V
Vo=0.9V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
11.2A
8.7A
6.6A
5.5A
4.5A
3.5A
3.2A
Input Current (no load)
-
70mA
100mA
Remote Off Input Current
10mA
20mA
Input Reflected Ripple Current
(pk-pk)
-
140mA
280mA
Input Reflected Ripple Current
(RMS)
-
40mA
80mA
Tested with simulated source
impedance of 500Hz to 20MHz &
two 270uF/10V Oscon capacitors
with ESR=0.018 ohm max. at
100KHz
I
2t Inrush Current Transient
-
0.1A
2s
0.2A
2s
Turn-on Voltage Threshold
-
4.3V
4.5V
Turn-off Voltage Threshold
-
3.85V
4.49V
Note:
All specifications are typical at 25°C unless otherwise stated.
S7DB-12B1Ax


Similar Part No. - S7DB-12B1AH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12B120 BEL-S7DB-12B120 Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12B150 BEL-S7DB-12B150 Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12B180 BEL-S7DB-12B180 Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
More results

Similar Description - S7DB-12B1AH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com