Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37872R0220M023 Datasheet(PDF) 6 Page - EPCOS

Part # B37872R0220M023
Description  Multilayer Ceramic Capacitors Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872R0220M023 Datasheet(HTML) 6 Page - EPCOS

  B37872R0220M023 Datasheet HTML 1Page - EPCOS B37872R0220M023 Datasheet HTML 2Page - EPCOS B37872R0220M023 Datasheet HTML 3Page - EPCOS B37872R0220M023 Datasheet HTML 4Page - EPCOS B37872R0220M023 Datasheet HTML 5Page - EPCOS B37872R0220M023 Datasheet HTML 6Page - EPCOS B37872R0220M023 Datasheet HTML 7Page - EPCOS B37872R0220M023 Datasheet HTML 8Page - EPCOS B37872R0220M023 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
105 10/02
Multilayer Ceramic Capacitors
X7R
Ordering codes and packing for X7R, 16, 25 and 50 VDC, nickel-barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
*
1
*
3
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 0405, 16 VDC, 2-fold arrays
1,0 nF
B37831R9102M02*
0,6
± 0,1
5000
20000
2,2 nF
B37831R9222M02*
0,6
± 0,1
5000
20000
4,7 nF
B37831R9472M02*
0,6
± 0,1
5000
20000
10, nF
B37831R9103M02*
0,6
± 0,1
5000
20000
Case size 0508, 25 VDC, 4-fold arrays
1,0 nF
B37941R0102M04*
0,85
± 0,1
4000
16000
2,2 nF
B37941R0222M04*
0,85
± 0,1
4000
16000
4,7 nF
B37941R0472M04*
0,85
± 0,1
4000
16000
10, nF
B37941R0103M04*
0,85
± 0,1
4000
16000
Case size 0612, 50 VDC, 4-fold arrays
1,0 nF
B37872R5102M04*
0,85
± 0,1
4000
16000
1,5 nF
B37872R5152M04*
0,85
± 0,1
4000
16000
2,2 nF
B37872R5222M04*
0,85
± 0,1
4000
16000
3,3 nF
B37872R5332M04*
0,85
± 0,1
4000
16000
4,7 nF
B37872R5472M04*
0,85
± 0,1
4000
16000
6,8 nF
B37872R5682M04*
0,85
± 0,1
4000
16000
10, nF
B37872R5103M04*
0,85
± 0,1
4000
16000
15, nF
B37872R5153M04*
0,85
± 0,1
4000
16000
22, nF
B37872R5223M04*
0,85
± 0,1
4000
16000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 102.
^
^
X7R; 0405 to 0612


Similar Part No. - B37872R0220M023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872R0220M023 EPCOS-B37872R0220M023 Datasheet
718Kb / 15P
   Multilayer ceramic capacitors
B37872R0220M023 EPCOS-B37872R0220M023 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
More results

Similar Description - B37872R0220M023

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com