Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRCA-16S10L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRCA-16S10L
Description  ISOLATED DC/DC CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRCA-16S10L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRCA-16S10L Datasheet HTML 1Page - Bel Fuse Inc. SRCA-16S10L Datasheet HTML 2Page - Bel Fuse Inc. SRCA-16S10L Datasheet HTML 3Page - Bel Fuse Inc. SRCA-16S10L Datasheet HTML 4Page - Bel Fuse Inc. SRCA-16S10L Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 9.6 Vdc/16 A Output, 1/16 Brick Bus Converter
Isolated
Input Under Voltage Lockout
Fixed Frequency
Input Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Thermal shutdown
Low Cost
Remote On/Off
Description
The SRCA-16S10L is an isolated dc/dc bus converter that operates from a nominal 48 Vdc source. This
converter is intended to provide isolation and step down to generate an intermediate bus for the purpose of
powering non-isolated Point-of-Load (POL) converters. This unit will provide up to 160 W of output power from a
nominal 48 Vdc input. This unit is designed to be highly efficient and cost effective. The downstream POL
converters will provide the precise regulation required by the load. Features include remote on/off, over current
protection and under-voltage lockout. This converter is provided in an industry standard sixteenth-brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
9.6 V
36 V - 60 V
16 A
153 W
95%
SRCA-16S10L
Notes: 1. Add “G” suffix at the end of the model number to indicate Tray Packaging.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Remote On/Off
-0.3 V
-
18 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
36 V
-
60 V
Input Current (full load)
-
-
3.5 A
Input Current (no load)
-
-
100 mA
Remote Off Input Current
-
4 mA
10 mA
Active Low
Input Reflected Ripple Current (pk-pk)
-
40 mA
120 mA
Input Reflected Ripple Current (rms)
-
10 mA
30 mA
Tested with simulated source
impedance of 10 uH, 5 Hz to 20
MHz; use a 100 uF/100 V
electrolytic capacitor and 1 uF/100
V ceramic capacitor at the input.
I
2t Inrush Current Transient
-
0.039 A
2s
0.062 A
2s
Input Over-Voltage Protection Threshold
-
63 V
-
Turn On Voltage Threshold
-
35 V
-
Turn Off Voltage Threshold
-
30 V
-
SRCA-16S10L
RoHS Compliant
Rev.A


Similar Part No. - SRCA-16S10L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRCA-08S12L BEL-SRCA-08S12L Datasheet
228Kb / 5P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRCA-16S10L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com