Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8213YRMZ-RL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8213YRMZ-RL
Description  Dual, High Voltage Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8213YRMZ-RL Datasheet(HTML) 3 Page - Analog Devices

  AD8213YRMZ-RL Datasheet HTML 1Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 2Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 3Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 4Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 5Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 6Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 7Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 8Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8213
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TOPR = operating temperature range, VS = 5 V, RL = 25 kΩ (RL is the output load resistor), unless otherwise noted.
Table 1.
AD8213
Parameter
Min
Typ
Max
Unit
Conditions
GAIN
Initial
20
V/V
Accuracy
±0.25
%
VO ≥ 0.1 V dc
Accuracy Over Temperature
±0.5
%
TOPR
Gain vs. Temperature
0
−10
−25
ppm/
°C
VOLTAGE OFFSET
Offset Voltage (RTI)
±1
mV
25°C
Over Temperature (RTI)
±2.2
mV
TOPR
Offset Drift
±12
μV/
°C
TOPR
INPUT
Input Impedance
Differential
5
Common Mode
5
V common mode > 5 V
3.5
V common mode < 5 V
Common-Mode Input Voltage Range
−2
+65
V
Common mode continuous
Differential Input Voltage Range
250
mV
Differential input voltage
Common-Mode Rejection
100
120
dB
TOPR, f = DC, VCM > 5 V (see Figure 5)
80
90
dB
TOPR, f = DC, VCM < 5 V (see Figure 5)
OUTPUT
Output Voltage Range Low
0.1
0.05
V
Output Voltage Range High
4.95
4.9
V
Output Impedance
2
Ω
FILTER RESISTOR
18
20
22
CF access to resistor for low-pass filter
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
500
kHz
Slew Rate
4.5
V/μs
COUT = 20 pF, no filter capacitor (CF)
2.7
V/μs
COUT = 20 pF, CF = 20 pF
NOISE
0.1 Hz to 10 Hz, RTI
7
μV p-p
Spectral Density, 1 kHz, RTI
70
nV/
√Hz
POWER SUPPLY
Operating Range
4.5
5.5
V
Quiescent Current Over Temperature
2.5
3.75
mA
VCM > 5 V, per amplifier1, total supply
current for two channels
Power Supply Rejection Ratio
76
dB
TEMPERATURE RANGE
For Specified Performance
−40
+125
°C
1 When the input common mode is less than 5 V, the supply current increases. This can be calculated by IS = −0.52(VCM) + 4.9 (see Figure 11).


Similar Part No. - AD8213YRMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8213YRMZ-RL AD-AD8213YRMZ-RL Datasheet
409Kb / 14P
   Dual, High Voltage, Current Shunt Monitor
More results

Similar Description - AD8213YRMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8213 AD-AD8213_16 Datasheet
409Kb / 14P
   Dual, High Voltage, Current Shunt Monitor
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com