Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5726YRWZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD5726YRWZ-REEL
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5726YRWZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5726YRWZ-REEL Datasheet HTML 6Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 7Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 8Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 9Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 10Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 11Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 12Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 13Page - Analog Devices AD5726YRWZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5726
Rev. 0 | Page 10 of 20
0
–0.7
–40
80
TEMPERATURE (°C)
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–20
0
20
40
60
DAC D
DAC C
DAC A
DAC B
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
2kΩ LOAD
Figure 12. Full-Scale Error vs. Temperature
0.3
–0.3
–40
80
TEMPERATURE (°C)
0.2
0.1
0
–0.1
–0.2
–20
0
20
40
60
DAC A
DAC D
DAC B
DAC C
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
2kΩ LOAD
Figure 13. Zero-Scale Error vs. Temperature
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
500
1000
1500
2000
2500
3000
3500
4000
DAC (Code)
DAC A
DAC B
DAC C
DAC D
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
TA = 25°C
Figure 14. Channel-to-Channel Matching, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
500
1000
1500
2000
2500
3000
3500
4000
DAC (Code)
AVDD = 5V
AVSS = 0V
VREFP = 2.5V
VREFN = 0V
TA = 25°C
DAC A
DAC B
DAC C
DAC D
Figure 15. Channel-to-Channel Matching, VSUPPLY = +5 V, VREFP = 2.5 V, VREFN = 0 V
16
0
–7
13
VREFP (V)
14
12
10
8
6
4
2
–5
–3
–1
1
3
5
7
9
11
AVDD = +15V
AVSS = –15V
VREFN = –10V
DIGITAL INPUTS HIGH
TA = 25°C
Figure 16. AIDD vs. VREFP, All DACs Loaded with Full-Scale Code
1.7995
–0.0005
0
4000
DAC (Code)
1.5995
1.3995
1.1995
0.9995
0.7995
0.5995
0.3995
0.1995
500
1000
1500
2000
2500
3000
3500
VREFP = +10V
VREFN = –10V
TA = 25°C
AVDD = +15V
AVSS = –15V
Figure 17. IVREFP vs. DAC Code


Similar Part No. - AD5726YRWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
AD572 AD-AD572 Datasheet
1Mb / 8P
   12-Bit Successive Approximation Integrated Circuit A/D Converter
Rev. B
AD5721 AD-AD5721 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5721BCPZ-RL7 AD-AD5721BCPZ-RL7 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5721BRUZ AD-AD5721BRUZ Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
More results

Similar Description - AD5726YRWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com