Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-12F330 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRAH-12F330
Description  NON-ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-12F330 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRAH-12F330 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
1.0 Vdc - 3.3 Vdc/12 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
90%
86%
84%
81%
79%
77%
93%
89%
87%
84%
82%
80%
-
-
-
-
-
-
Vin=5 V, full load
Efficiency
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
85%
81%
79%
76%
88%
84%
82%
79%
-
-
-
-
Vin=3.3 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Output Trim Range
90%VO
-
110%VO
Remote Sense Compensation
-
-
10%
SMD module
MTBF
4,038,174 hours
Calculated Per Bell Core SR-332 (IO
= 9.6 A, Vin=5 V; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.70 x 0.32
19.81 x 17.78 x 8.128
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.70 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5.1 g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
-
-
0.9 V (Vin=3.0 V)
-
-
1.35 V (Vin=4.5 V)
Signal Low (Unit Off)
-
-
1.65 V (Vin=5.5 V)
2.1 V (Vin=3.0 V)
-
-
3.15 V (Vin=4.5 V)
-
-
Signal High (Unit On)
3.85 V (Vin=5.5 V)
-
-
Remote on/off pin open, unit on.


Similar Part No. - SRAH-12F330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-12F330 BEL-SRAH-12F330 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
More results

Similar Description - SRAH-12F330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com