Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N4001-G
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4001-G Datasheet(HTML) 1 Page - Comchip Technology

  1N4001-G Datasheet HTML 1Page - Comchip Technology 1N4001-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: Molded plastic A-405
Epoxy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-202
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.22 gram
Mechanical Data
Maximum Rating and Electrical Characteristics
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Features
Current: 1.0A
Voltage: 50 ~ 1000V
1N4001-G thru 1N4007-G
General Purpose Rectifier
Rating at 25 C ambient temperature unless otherwise specified.
NOTES :
-55 to +125
30
5.0
250
10
45
UNIT
V
V
V
V
A
A
uA
o
C
pF
1.1
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
TL = 55°C
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
Maximum instantaneous forward voltage
@ 1.0A
Maximum DC reverse current @ TJ= 25°C
At Rated DC blocking voltage @ TJ= 125°C
Typical junction capacitance (Note 1)
Typical thermal resistance (Note 2)
Operating junction and storage
temperature Range
R JA
VRRM
VRMS
VDC
IF (AV)
IFSM
VF
IR
CJ
TJ,TSTG
(1) Thermal resistance junction to lead.
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 Volts DC.
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.160(4.1)
.034(.86)
.028(.71)
DIA.
.107(2.7)
.080(2.0)
DIA.
“-G” suffix designates RoHS compliant Version
SYMBOL
1N
4001-G
1N
4002-G
1N
4003-G
1N
4004-G
1N
4005-G
1N
4006-G
1N
4007-G
50
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
1.0
100
200
400
600
800
1000
ºC/W


Similar Part No. - 1N4001-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
1N4001-G COMCHIP-1N4001-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
More results

Similar Description - 1N4001-G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com