Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33742EGR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33742EGR2
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33742EGR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33742EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33742
PIN CONNECTIONS
Figure 4. 33742 48-Pin Connections
Table 3. 33742 48-Pin Definitions
A functional description of each pin can be found in the Functional Pin description section beginning on page 22.
Pin
Pin Name
Formal Name
Definition
1, 12-16,
21-25,
36-40,
45-48
NC
No Connect
No connection.
2
SCLK
Serial Data Clock
Clock input pin for the Serial Peripheral Interface (SPI).
3
MISO
Master In Slave Out
SPI data sent to the MCU by the 33742. When CS is HIGH, the pin is in the high-
impedance state.
4
MOSI
Master Out Slave In
SPI data received by the 33742.
5
CS
Chip Select
(Active LOW)
The CS input pin is used with the SPI bus to select the 33742. When the CS is asserted
LOW, the 33742 is the selected device of the SPI bus.
6
WDOG
Watchdog Output
(Active LOW)
The WDOG output pin is asserted LOW if the software watchdog is not correctly
triggered.
7
RXD
Receive Data
CAN bus receive data output pin.
8
TXD
Transmit Data
CAN bus transmit data input pin.
9
VDD
Voltage Digital Drain
5.0 V regulator output pin. Supply pin for the MCU.
10
RST
Reset Output
(Active LOW)
This is the device reset output pin whose main function is to reset the MCU. This pin has
an internal pullup current source to VDD.
11
INT
Interrupt Output
(Active LOW)
This output is asserted LOW when an enabled interrupt condition occurs. The output is
a push-pull structure.
17-20
41-44
GND
Ground
These device ground pins are internally connected to the package lead frame to provide
a 33742-to-PCB thermal path.
SCLK
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
31
30
1
36
35
RXD
34
33
25
L3
L2
L1
L0
NC
VDD
TXD
V2 CTRL
CANH
CANL
NC
MISO
MOSI
WDOG
INT
HS
VSUP
CS
RST
NC
V2
NC


Similar Part No. - MCZ33742EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33742EGR2 FREESCALE-MCZ33742EGR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Similar Description - MCZ33742EGR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com