Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33889DEG Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCZ33889DEG
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33889DEG Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33889DEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics .
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit
INPUT PIN (VSUP)
Nominal DC Voltage range
VSUP
5.5
-
18
V
Extended DC Voltage range 1
Reduced functionality (6)
VSUP-EX1
4.5
-
5.5
V
Extended DC Voltage range 2 (8)
VSUP-EX2
18
-
27
V
Input Voltage during Load Dump
Load dump situation
VSUPLD
-
-
40
V
Input Voltage during jump start
Jump start situation
VSUPJS
-
-
27
V
Supply Current in Sleep Mode (7)
VDD1 & V2 off, VSUP ≤ 12 V, oscillator running (10)
ISUP
(SLEEP1)
-
95
130
µA
Supply Current in Sleep Mode (7)
VDD1 & V2 off, VSUP ≤ 12 V, oscillator not running
ISUP
(SLEEP2)
-
55
90
µA
Supply current in sleep mode (7)
VDD1 & V2 off, VSUP = 18 V, oscillator running (10)
ISUP
(SLEEP3)
-
170
270
µA
Supply Current in Stand-by Mode (7),(9)
Iout at VDD1 = 40 mA, CAN recessive state or disabled
ISUP(STDBY)
-
42
45
mA
Supply Current in Normal Mode (7)
Iout at VDD1 = 40 mA, CAN recessive state or disabled
ISUP(NORM)
-
42.5
45
mA
Supply Current in Stop mode (7),(9)
I out VDD1 < 2.0 mA, VDD1 on (11), VSUP ≤ 12 V, oscillator
running (10)
ISUP
(STOP1)
-
120
150
µA
Supply Current in Stop mode (7),(9)
Iout VDD1 < 2.0 mA, VDD1 on (11) VSUP ≤ 12V, oscillator
not running (10)
ISUP
(STOP2)
-
80
110
µA
Supply Current in Stop mode (7),(9)
Iout VDD1 < 2.0 mA, VDD1 on (11), VSUP = 18 V, oscillator
running (10)
ISUP
(STOP3)
-
200
285
µA
Notes
6.
VDD1 > 4.0 V, reset high, if RSTTH-2 selected and IOUT VDD1 reduced, logic pin high level reduced, device is functional.
7.
Current measured at VSUP pin.
8.
Device is fully functional. All modes available and operating, Watchdog, HS1 turn ON turn OFF, CAN cell operating, L0 and L1 inputs
operating, SPI read write operation. Over temperature may occur.
9.
Measured in worst case condition with 5.0 V at V2 pin (V2 pin tied to VDD1).
10.
Oscillator running means “Forced Wake-Up” or “Cyclic Sense” or “Software Watchdog” timer activated. Software Watchdog is
available in stop mode only.
11.
VDD1 is ON with 2.0 mA typical output current capability.


Similar Part No. - MCZ33889DEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33889DEG/R2 FREESCALE-MCZ33889DEG/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Similar Description - MCZ33889DEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com