Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2106ZGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APA2106ZGC
Description  2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA2106ZGC Datasheet(HTML) 1 Page - Kingbright Corporation

  APA2106ZGC Datasheet HTML 1Page - Kingbright Corporation APA2106ZGC Datasheet HTML 2Page - Kingbright Corporation APA2106ZGC Datasheet HTML 3Page - Kingbright Corporation APA2106ZGC Datasheet HTML 4Page - Kingbright Corporation APA2106ZGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAE8424
REV NO: V.3
DATE: MAY/07/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203003795
2.1x0.6mm RIGHT ANGLE SURFACE LED
LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APA2106ZGC
Green
Features
2.1mmX0.6mm RIGHT ANGLE SMT LED, 1.0mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE: 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The Green source color devices are made with AlInGaN
on Sapphire Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2.Tolerance is ±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications


Similar Part No. - APA2106ZGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA2106CGCK KINGBRIGHT-APA2106CGCK Datasheet
274Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106EC KINGBRIGHT-APA2106EC Datasheet
164Kb / 5P
   2.1x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA2106MBC KINGBRIGHT-APA2106MBC Datasheet
155Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106MGC KINGBRIGHT-APA2106MGC Datasheet
293Kb / 5P
   APA2106MGC
APA2106PBC KINGBRIGHT-APA2106PBC Datasheet
280Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results

Similar Description - APA2106ZGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA2106PBC-Z KINGBRIGHT-APA2106PBC-Z Datasheet
197Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZM2CR74W SUNLED-ZM2CR74W Datasheet
188Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC KINGBRIGHT-APA2106VGC Datasheet
282Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZUY74W SUNLED-ZUY74W Datasheet
187Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZUR74W SUNLED-ZUR74W Datasheet
189Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106SYCK KINGBRIGHT-APA2106SYCK Datasheet
292Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZMDK74W SUNLED-ZMDK74W Datasheet
186Kb / 4P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
Kingbright Corporation
APA2106VGC-Z KINGBRIGHT-APA2106VGC-Z Datasheet
290Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SEC KINGBRIGHT-APA2106SEC Datasheet
150Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SYC KINGBRIGHT-APA2106SYC Datasheet
153Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106YC KINGBRIGHT-APA2106YC Datasheet
151Kb / 5P
   2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com