Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37941X1682K062 Datasheet(PDF) 11 Page - EPCOS

Part # B37941X1682K062
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X1682K062 Datasheet(HTML) 11 Page - EPCOS

Back Button B37941X1682K062 Datasheet HTML 6Page - EPCOS B37941X1682K062 Datasheet HTML 7Page - EPCOS B37941X1682K062 Datasheet HTML 8Page - EPCOS B37941X1682K062 Datasheet HTML 9Page - EPCOS B37941X1682K062 Datasheet HTML 10Page - EPCOS B37941X1682K062 Datasheet HTML 11Page - EPCOS B37941X1682K062 Datasheet HTML 12Page - EPCOS B37941X1682K062 Datasheet HTML 13Page - EPCOS B37941X1682K062 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
No. Stress test
Specification and acceptance criteria
Test description in
accordance to AEC-Q200
X7R
19
Electrical characterization
Electrical characteristics should meet values as given chapter
“Electrical data”.
-
The capacitance and the
dissipation factor should meet the
specification at 25 °C.
-
Capacitance must fulfil the
X7R characteristics within the
range of -55 to 125 °C.
-
Insulation resistance must
meet specification at 25 and 125
°C where defined.
-
MLCC must pass dielectric
strength test (2.5 times rated
voltage, 5 s, surge current < 50
mA).
21
Board flex
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Fix the capacitor on PCB and apply a
force until a deflection of 2 mm is
reached for 5 ±1 s, 1 mm jig radius, 90
mm supporting span, speed 1 mm/s. for
land pattern design and drawing of the
test setup please see appendix “Effects
of mechanical stress”.
22
Terminal strength (SMD)
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Fix the capacitor on PCB and apply a
force of 18 N in width direction of the
MLCC.
Note: Tests only performed for case
sizes greater or equal 0603.
23
Beam load test, breaking strength
test
Breaking force must exceed 10 N.
Test setup and performance as per
AEC-Q200-003.
KB VS PE
July 2005
Please read Cautions and warnings and
Page 11 of 14
Important notes at the end of this document.


Similar Part No. - B37941X1682K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X1682K060 EPCOS-B37941X1682K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X1682K062

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com