Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010SF4C Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APA3010SF4C
Description  3.0x1.0 mm RIGHT ANGLE INFRARED EMITING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010SF4C Datasheet(HTML) 5 Page - Kingbright Corporation

  APA3010SF4C Datasheet HTML 1Page - Kingbright Corporation APA3010SF4C Datasheet HTML 2Page - Kingbright Corporation APA3010SF4C Datasheet HTML 3Page - Kingbright Corporation APA3010SF4C Datasheet HTML 4Page - Kingbright Corporation APA3010SF4C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAC4380
REV NO: V.7
DATE: MAY/08/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203000623
PACKING & LABEL SPECIFICATIONS
APA3010SF4C


Similar Part No. - APA3010SF4C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SF4C TO-GRACE-APA3010SF4C Datasheet
807Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
Kingbright Corporation
APA3010SF4C-P22 KINGBRIGHT-APA3010SF4C-P22 Datasheet
641Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SF4C-P22 TO-GRACE-APA3010SF4C-P22 Datasheet
1,012Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
More results

Similar Description - APA3010SF4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010F3C KINGBRIGHT-APA3010F3C Datasheet
268Kb / 5P
   3.0x1.0 mm RIGHT ANGLE INFRARED EMITING DIODE
APA3010MBC KINGBRIGHT-APA3010MBC Datasheet
155Kb / 5P
   3.0x1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010F3C-GX TO-GRACE-APA3010F3C-GX Datasheet
815Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
APA3010SF4C TO-GRACE-APA3010SF4C Datasheet
807Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
Kingbright Corporation
APA3010SF4C-P22 KINGBRIGHT-APA3010SF4C-P22 Datasheet
641Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SF4C-P22 TO-GRACE-APA3010SF4C-P22 Datasheet
1,012Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
Kingbright Corporation
APA1606SF4C-P22 KINGBRIGHT-APA1606SF4C-P22 Datasheet
610Kb / 4P
   1.6 x 0.6 mm Right Angle Infrared Emitting Diode
logo
Gilway Technical Lamp
GHB-1104R-DR GILWAY-GHB-1104R-DR Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-O GILWAY-GHB-1104R-O Datasheet
141Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
logo
Fairchild Semiconductor
QTLP610CIR FAIRCHILD-QTLP610CIR Datasheet
188Kb / 6P
   RIGHT ANGLE SURFACE MOUNT INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com