Electronic Components Datasheet Search |
|
B37941X1332K072 Datasheet(PDF) 5 Page - EPCOS |
|
B37941X1332K072 Datasheet(HTML) 5 Page - EPCOS |
5 / 14 page Multilayer ceramic capacitor B37941X MLSC series MLSC 0805, 50 V and 100 V Dimensional drawing Size inch / mm l mm b mm s mm k mm 0805 / 2012 2.0 ±0.2 1.25 ±0.15 1.35 max. 0.13 – 0.75 see also “Ordering codes and chip thickness”, dimensions in accordance to CECC 32101-801 Electrical data Capacitance1) and dissipation factor test conditions: Test frequency: 1.0 kHz ±0.2 kHz Test voltage: 1.0 V ±0.2 V Dissipation factor tan δ (limit value): < 25 · 10-3 Insulation resistance Rins / time constant: > 105 M Ω (25 °C) or τ > 1000 s, whichever is less Temperature coefficient (tolerance): ±15% Operating temperature range: –55 °C ... +125 °C Climatic category (IEC 60068-1): 55/125/56 Capacitance range (E6 series): 100 V: 1 nF … 22 nF 50 V: 33 nF … 100 nF 1) Subject to aging, please see “General Technical Information” at www.epcos.com/ceramic_capacitors or the data book “Multilayer Ceramic Capacitors”. KB VS PE July 2005 Please read Cautions and warnings and Page 5 of 14 Important notes at the end of this document. |
Similar Part No. - B37941X1332K072 |
|
Similar Description - B37941X1332K072 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |