Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34716EP Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC34716EP
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34716EP Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34716EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34716EP Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34716
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
IC INPUT SUPPLY VOLTAGE (VIN)
Input Supply Voltage Operating Range
VIN
3.0
-
6.0
V
Input DC Supply Current (12)
(Normal Mode: SD = 1 & STBY = 1, Unloaded Outputs)
IIN
-
-
35
mA
Input DC Supply Current (12)
(Standby Mode, SD = 1 & STBY = 0)
IINQ
-
-
25
mA
Input DC Supply Current (12)
(Shutdown Mode, SD = 0 & STBY = X)
IINOFF
-
-
100
µA
INTERNAL SUPPLY VOLTAGE OUTPUT (VDDI)
Internal Supply Voltage Range
VDDI
2.35
2.5
2.65
V
CHANNEL 1 BUCK CONVERTER (PVIN1, SW1, PGND1, BOOT1, INV1, COMP1, ILIM1)
CH 1 High-side MOSFET Drain Voltage Range
PVIN
2.5
-
6.0
V
Output Voltage Adjustment Range (13)
VOUTHI1
0.7
-
3.6
V
Output Voltage Accuracy (13), (14), (15)
-
-1.0
-
1.0
%
Line Regulation (13)
(Normal Operation, VIN = 3.0 V to 6.0 V, IOUT1 = +5.0 A)
REGLN1
-1.0
-
1.0
%
Load Regulation (13)
(Normal Operation, IOUT1 = 0.0 A to 5.0 A)
REGLD1
-1.0
-
1.0
%
Error Amplifier Reference Voltage (13)
VREF1
-
0.7
-
V
Output Undervoltage Threshold
VUVR1
-1.5
-
-8.0
%
Output Overvoltage Threshold
VOVR1
1.5
-
8.0
%
Continuous Output Current
IOUT1
-
-
5.0
A
Over Current Limit
ILIM1
-
6.5
-
A
Soft Start Adjusting Reference Voltage Range
VILIM1
1.25
-
VDDI
V
Short Circuit Current Limit
ISHORT1
-
8.5
-
A
High-Side N-CH Power MOSFET (M4) RDS(ON)
(13)
(IOUT1 = 1.0 A, VBOOT1 - VSW1= 3.3 V)
RDS(ON)HS1
15
-
50
m
Notes
12.
Section “MODES OF OPERATION”, page 15 has a detailed description of the different operating modes of the 34716
13.
Design information only, this parameter is not production tested.
14.
Overall output accuracy is directly affected by the accuracy of the external feedback network, 1% feedback resistors are recommended.
15.
±1% is assured at room temperature.


Similar Part No. - MC34716EP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34716EP/R2 FREESCALE-MC34716EP/R2 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
More results

Similar Description - MC34716EP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com