Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5251VM140 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF5251VM140
Description  ColdFire짰 Microprocessor Data Sheet
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251VM140 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF5251VM140 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5251VM140 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Signal Description
MCF5253 ColdFire Processor Data Sheet: Technical Data, Rev. 2.2
Freescale Semiconductor
9
AT attachment interface
(IDE interface)
ATA_DIOW
ATA write strobe signal
Out
ATA_DIOR
ATA read strobe signal
Out
ATA_IORDY
ATA I/O ready input
In
ATA_DMARQ
ATA DMA request
In
ATA_DMACK
ATA DMA acknowledge
Out
ATA_INTRQ
ATA interrupt request
In
ATA_CS0
ATA chip select 0
Out
ATA_CS1
ATA chip select 1
Out
ATA_A[2:0]
3-bit ATA address bus
Out
ATA_D[15:0]
16-bit ATA data bus
In/Out
CAN interface
CAN0_TX
CAN 0 transmit
Out
CAN0_RX
CAN 0 receive
In
CAN1_TX
CAN 1 transmit
Out
CAN1_RX
CAN 1 receive
In
USB PHY interface
USBVBUS
USB Vbus input
In
USBID
USB ID input
In
USBRES
USB current programming resistor
pin
Analog
USBDN
USB DM signalling line
In/Out
USBDP
USB DP signalling line
In/Out
USB oscillator
USB_CRIN
USB_CROUT
Connections for USB oscillator
crystal (24 MHz)
In
Out
RTC oscillator
RTC_CRIN
RTCCROUT
Connections for real-time clock
crystal (32.768 kHz)
In
Out
AD IN
ADIN0/GPI52
ADIN1/GPI53
ADIN2/GPI54
ADIN3/GPI55
ADIN4/GPI56
ADIN5/GPI57
Analog-to-Digital Converter input
signals
In
AD OUT
ADREF
ADOUT/SCLK4/GPIO58
Analog-to-Digital Converter output
signal—connects to ADREF via
integrator network.
In/Out
QSPI clock
QSPICLK/SUBR/GPIO25
QSPI clock signal
In/Out
QSPI data in
RCK/QSPIDIN/QSPIDOUT/GPIO26
QSPI data input
In/Out
Table 3. MCF5251 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State


Similar Part No. - MCF5251VM140

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5251VM140 FREESCALE-MCF5251VM140 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251VM140 FREESCALE-MCF5251VM140 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
More results

Similar Description - MCF5251VM140

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC_08 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com