Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52223 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF52223
Description  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52223 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF52223_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MCF52223 Family Configurations
MCF52223 ColdFire Microcontroller, Rev. 2
Freescale Semiconductor
9
links the device’s pins into one shift register. Test logic, implemented using static logic design, is independent of the device
system logic.
The MCF52223 implementation can:
Perform boundary-scan operations to test circuit board electrical continuity
Sample MCF52223 system pins during operation and transparently shift out the result in the boundary scan register
Bypass the MCF52223 for a given circuit board test by effectively reducing the boundary-scan register to a single bit
Disable the output drive to pins during circuit-board testing
Drive output pins to stable levels
1.2.5
On-Chip Memories
1.2.5.1
SRAM
The dual-ported SRAM module provides a general-purpose 32-Kbyte memory block that the ColdFire core can access in a
single cycle. The location of the memory block can be set to any 32-Kbyte boundary within the 4-Gbyte address space. This
memory is ideal for storing critical code or data structures and for use as the system stack. Because the SRAM module is
physically connected to the processor's high-speed local bus, it can quickly service core-initiated accesses or
memory-referencing commands from the debug module.
The SRAM module is also accessible by the DMA. The dual-ported nature of the SRAM makes it ideal for implementing
applications with double-buffer schemes, where the processor and a DMA device operate in alternate regions of the SRAM to
maximize system performance.
1.2.5.2
Flash Memory
The ColdFire flash module (CFM) is a non-volatile memory (NVM) module that connects to the processor’s high-speed local
bus. The CFM is constructed with four banks of 32-Kbyte
×16-bit flash memory arrays to generate 256 Kbytes of 32-bit flash
memory. These electrically erasable and programmable arrays serve as non-volatile program and data memory. The flash
memory is ideal for program and data storage for single-chip applications, allowing for field reprogramming without requiring
an external high voltage source. The CFM interfaces to the ColdFire core through an optimized read-only memory controller
that supports interleaved accesses from the 2-cycle flash memory arrays. A backdoor mapping of the flash memory is used for
all program, erase, and verify operations, as well as providing a read datapath for the DMA. Flash memory may also be
programmed via the EzPort, which is a serial flash memory programming interface that allows the flash memory to be read,
erased and programmed by an external controller in a format compatible with most SPI bus flash memory chips.
1.2.6
Power Management
The MCF52223 incorporates several low-power modes of operation entered under program control and exited by several
external trigger events. An integrated power-on reset (POR) circuit monitors the input supply and forces an MCU reset as the
supply voltage rises. The low voltage detector (LVD) monitors the supply voltage and is configurable to force a reset or interrupt
condition if it falls below the LVD trip point. The RAM standby switch provides power to RAM when the supply voltage to the
chip falls below the standby battery voltage.
1.2.7
USB On-The-Go Controller
The MCF52223 includes a Universal Serial Bus On-The-Go (USB OTG) dual-mode controller. USB is a popular standard for
connecting peripherals and portable consumer electronic devices such as digital cameras and handheld computers to host PCs.
The OTG supplement to the USB specification extends USB to peer-to-peer application, enabling devices to connect directly
to each other without the need for a PC. The dual-mode controller on the MCF52223 can act as a USB OTG host and as a USB
device. It also supports full-speed and low-speed modes.


Similar Part No. - MCF52223_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223CAF66 FREESCALE-MCF52223CAF66 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
logo
NXP Semiconductors
MCF52223CAF66 NXP-MCF52223CAF66 Datasheet
1Mb / 55P
   MCF52223 ColdFire Microcontroller
Rev. 3, 3/2011
logo
Freescale Semiconductor...
MCF52223CAF80 FREESCALE-MCF52223CAF80 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
logo
NXP Semiconductors
MCF52223CAF80 NXP-MCF52223CAF80 Datasheet
1Mb / 55P
   MCF52223 ColdFire Microcontroller
Rev. 3, 3/2011
logo
Freescale Semiconductor...
MCF52223CVM66 FREESCALE-MCF52223CVM66 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
More results

Similar Description - MCF52223_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com