Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7448THX1700LD Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC7448THX1700LD
Description  Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448THX1700LD Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  MC7448THX1700LD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
6
Freescale Semiconductor
Part Numbering and Marking
9.2
Power Supply Design and Sequencing
The power supply design and sequencing requirements of the devices described here are identical to those
described in the MPC7448 RISC Microprocessor Hardware Specifications.
11
Part Numbering and Marking
11.1
Part Numbers Addressed by This Specification
Table 17 provides the ordering information for the MPC7448 parts described in this document.
Table 17. Part Marking Nomenclature
xx
7448
T
xx
nnnn
m
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application Modifier
Revision Level
MC
PPC1
7448
T = Extended
Temperature
Device
HX = HCTE BGA
1000
N: 1.0 V ± 50 mV
– 40 to 105
°C
C: 2.1: PVR = 0x8004_0201
D: 2.2: PVR = 0x8004_0202
1267
Revision C only
N: 1.1 V ± 50 mV
– 40 to 105
°C
1267
Revision D only
N: 1.05 V ± 50 mV
– 40 to 105
°C
1400
N: 1.15 V ± 50 mV
– 40 to 105
°C
MC
1700
L: 1.3 V +20/-50 mV
– 40 to 105
°C
D:2.2: PVR = 0x8004_0202
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.


Similar Part No. - MC7448THX1700LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7448THX1700LD NXP-MC7448THX1700LD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
More results

Similar Description - MC7448THX1700LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MPC7410ECS05AD NXP-MPC7410ECS05AD Datasheet
155Kb / 12P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410RXnnnPE Series
Rev. 1.1, 04/2005
MPC7410ECS02AD NXP-MPC7410ECS02AD Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
logo
Freescale Semiconductor...
MPC8641 FREESCALE-MPC8641 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
logo
NXP Semiconductors
MPC7410ECS08AD NXP-MPC7410ECS08AD Datasheet
463Kb / 5P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
Rev. 1, 11/2010
MPC755ECS02AD NXP-MPC755ECS02AD Datasheet
507Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
MPC7410ECS06AD NXP-MPC7410ECS06AD Datasheet
119Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TRXnnnLE Series
Rev. 1.1, 04/2005
logo
Freescale Semiconductor...
MPC8640 FREESCALE-MPC8640 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
logo
NXP Semiconductors
MPC7410ECS07AD NXP-MPC7410ECS07AD Datasheet
477Kb / 6P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series
Rev. 2, 11/2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com