Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTD3216SYC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APTD3216SYC
Description  3.2x1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTD3216SYC Datasheet(HTML) 1 Page - Kingbright Corporation

  APTD3216SYC Datasheet HTML 1Page - Kingbright Corporation APTD3216SYC Datasheet HTML 2Page - Kingbright Corporation APTD3216SYC Datasheet HTML 3Page - Kingbright Corporation APTD3216SYC Datasheet HTML 4Page - Kingbright Corporation APTD3216SYC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD1049
REV NO: V.6
DATE: APR/29/2006
PAGE: 1 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1203002308
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.2(0.0079") unless otherwise noted.
3. Specifications are subject to change without notice.
P/N: APTD3216SYC
SUPER BRIGHT YELLOW
Description
The Super Bright Yellow device is made with DH
InGaAlP (on GaAs substrate) light emitting diode chip.
3.2x1.6mm SMD CHIP LED LAMP
Features
3.2mmX1.6mm SMT LED, 1.8mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
PACKAGE: 2000PCS / REEL .
RoHS COMPLIANT.


Similar Part No. - APTD3216SYC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APTD3216SYC ETC-APTD3216SYC Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
APTD3216SYCK ETC-APTD3216SYCK Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
Kingbright Corporation
APTD3216SYCK KINGBRIGHT-APTD3216SYCK Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTD3216SYCK TO-GRACE-APTD3216SYCK Datasheet
828Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APTD3216SYCK-J3-PF KINGBRIGHT-APTD3216SYCK-J3-PF Datasheet
270Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - APTD3216SYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SECK KINGBRIGHT-APTD3216SECK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SGC KINGBRIGHT-APTD3216SGC Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SURCK KINGBRIGHT-APTD3216SURCK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216VGC KINGBRIGHT-APTD3216VGC Datasheet
284Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
AP3216SYC KINGBRIGHT-AP3216SYC Datasheet
118Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216EC KINGBRIGHT-APTR3216EC Datasheet
275Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SEC KINGBRIGHT-APTR3216SEC Datasheet
134Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SYCK KINGBRIGHT-APTR3216SYCK Datasheet
274Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTL3216ZGC KINGBRIGHT-APTL3216ZGC Datasheet
287Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-1206-YG2 GILWAY-GHB-1206-YG2 Datasheet
139Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com