Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36L0R7060B1ZAQE Datasheet(PDF) 8 Page - STMicroelectronics

Part # M36L0R7060B1ZAQE
Description  128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36L0R7060B1ZAQE Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M36L0R7060B1ZAQE Datasheet HTML 4Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 5Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 6Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 7Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 8Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 9Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 10Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 11Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Description
M36L0R7060T1, M36L0R7060B1
8/22
Figure 2.
TFBGA connections (top view through package)
8
7
6
5
4
3
2
1
C
B
A21
K
A4
A11
D
E
F
DU
DU
WF
VSS
A19
A18
A22
A5
A12
VSS
NC
LBP
A9
A3
A13
VPPF
NC
A17
A10
A20
A2
A15
L
WPF
NC
A7
A14
A8
A1
A16
RPF
UBP
A6
WAIT
DQ13
A0
DQ5
DQ10
DQ2
DQ8
DQ7
DQ14
GP
DQ12
DQ3
DQ1
DQ0
DQ15
DQ6
DQ4
DQ11
DQ9
GF
VDDQF
EF
CRP
VCCP
VSS
VSS
VSS
VSS
VSS
VDDF
VDDQF
VSS
DU
DU
DU
DU
DU
DU
A
G
H
J
K
AI12023
L
M
VDDF
NC
WP
EP
NC
DU
DU
NC
NC
NC
NC
VDDQF
NC


Similar Part No. - M36L0R7060B1ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36L0R7060B1ZAQE NUMONYX-M36L0R7060B1ZAQE Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
More results

Similar Description - M36L0R7060B1ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36L0R7060T1 NUMONYX-M36L0R7060T1 Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
   256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com