Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36L0R7060B1ZAQE Datasheet(PDF) 10 Page - STMicroelectronics

Part # M36L0R7060B1ZAQE
Description  128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36L0R7060B1ZAQE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M36L0R7060B1ZAQE Datasheet HTML 6Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 7Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 8Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 9Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 10Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 11Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 12Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 13Page - STMicroelectronics M36L0R7060B1ZAQE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Signal descriptions
M36L0R7060T1, M36L0R7060B1
10/22
2.5
Wait (WAIT)
WAIT is an output pin common to the Flash memory and PSRAM components. However the
WAIT signal does not behave in the same way for the PSRAM and the Flash memory.
For details of how it behaves, please refer to the M69KB096AM datasheet for the PSRAM
and to the M58LR128HTB datasheet for the Flash memory.
2.6
Flash Chip Enable (EF)
The Flash Chip Enable input activates the control logic, input buffers, decoders and sense
amplifiers of the Flash memory component. When Chip Enable is Low, VIL, and Reset is
High, VIH, the device is in active mode. When Chip Enable is at VIH the Flash memory is
deselected, the outputs are high impedance and the power consumption is reduced to the
standby level.
2.7
Flash Output Enable (GF)
The Output Enable pin controls the data outputs during Flash memory Bus Read
operations.
2.8
Flash Write Enable (WF)
The Write Enable controls the Bus Write operation of the Flash memory’s Command
Interface. The data and address inputs are latched on the rising edge of Chip Enable or
Write Enable whichever occurs first.
2.9
Flash Write Protect (WPF)
Write Protect is an input that gives an additional hardware protection for each block. When
Write Protect is Low, VIL, Lock-Down is enabled and the protection status of the Locked-
Down blocks cannot be changed. When Write Protect is at High, VIH, Lock-Down is disabled
and the Locked-Down blocks can be locked or unlocked. (See the Lock Status Table in the
M30L0R7000T1/B1 datasheet).
2.10
Flash Reset (RPF)
The Reset input provides a hardware reset of the Flash memory. When Reset is at VIL, the
memory is in Reset mode: the outputs are high impedance and the current consumption is
reduced to the Reset Supply Current IDD2. Refer to the M58LR128HTB datasheet, for the
value of IDD2. After Reset all blocks are in the Locked state and the Configuration Register is
reset. When Reset is at VIH, the device is in normal operation. Exiting Reset mode the
device enters Asynchronous Read mode, but a negative transition of Chip Enable or Latch
Enable is required to ensure valid data outputs.
The Reset pin can be interfaced with 3 V logic without any additional circuitry. It can be tied
to VRPH (refer to the M58LR128HTB datasheet).


Similar Part No. - M36L0R7060B1ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36L0R7060B1ZAQE NUMONYX-M36L0R7060B1ZAQE Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
More results

Similar Description - M36L0R7060B1ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36L0R7060T1 NUMONYX-M36L0R7060T1 Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
   256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com