Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3819AN Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3819AN
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3819AN Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3819AN Datasheet HTML 3Page - Texas Instruments UCC3819AN Datasheet HTML 4Page - Texas Instruments UCC3819AN Datasheet HTML 5Page - Texas Instruments UCC3819AN Datasheet HTML 6Page - Texas Instruments UCC3819AN Datasheet HTML 7Page - Texas Instruments UCC3819AN Datasheet HTML 8Page - Texas Instruments UCC3819AN Datasheet HTML 9Page - Texas Instruments UCC3819AN Datasheet HTML 10Page - Texas Instruments UCC3819AN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UCC2819A
UCC3819A
SLUS579 − OCTOBER, 2003
7
www.ti.com
Pin Descriptions (continued)
IAC: This input to the analog multiplier is a current proportional to instantaneous line voltage. The multiplier is
tailored for very low distortion from this current input (IIAC) to multiplier output. The recommended maximum
IIAC is 500 µA.
MOUT: The output of the analog multiplier and the inverting input of the current amplifier are connected together
at MOUT. As the multiplier output is a current, this is a high-impedance input so the amplifier can be configured
as a differential amplifier. This configuration improves noise immunity and allows for the leading-edge
modulation operation. The multiplier output current is limited to 2
I
IAC . The multiplier output current is given
by the equation:
I
MOUT +
I
IAC
(V
VAOUT * 1)
V
VFF
2
K
where K
+ 1
V
is the multiplier gain constant.
OVP/EN: A window comparator input that disables the output driver if the boost output voltage is a programmed
level above the nominal or disables both the PFC output driver and resets SS if pulled below 1.9 V (typ).
PKLMT: The threshold for peak limit is 0 V. Use a resistor divider from the negative side of the current sense
resistor to VREF to level shift this signal to a voltage level defined by the value of the sense resistor and the
peak current limit. Peak current limit is reached when PKLMT voltage falls below 0 V.
RT: A resistor from RT to GND is used to program oscillator charging current. A resistor between 10 k
Ω and
100 k
Ω is recommended. Nominal voltage on this pin is 3 V.
VAI: This input can be tied to the VREF or any other voltage reference (
≤7.5 V) to set the boost regulator output
voltage.
VAOUT: This is the output of the operational amplifier that regulates output voltage. The voltage amplifier output
is internally limited to approximately 5.5 V to prevent overshoot.
VCC: Connect to a stable source of at least 20 mA between 10 V and 17 V for normal operation. Bypass VCC
directly to GND to absorb supply current spikes required to charge external MOSFET gate capacitances. To
prevent inadequate gate drive signals, the output devices are inhibited unless VVCC exceeds the upper
under-voltage lockout voltage threshold and remains above the lower threshold.
VFF: The RMS voltage signal generated at this pin by mirroring 1/2 of the IIAC into a single pole external filter.
At low line, the VFF roll should be 14 V.
VSENSE: This is normally connected to a compensation network and to the boost converter output through a
divider network.
VREF: VREF is the output of an accurate 7.5-V voltage reference. This output is capable of delivering 20 mA
to peripheral circuitry and is internally short-circuit current limited. VREF is disabled and remains at 0 V when
VVCC is below the UVLO threshold. Bypass VREF to GND with a 0.1-µF or larger ceramic capacitor for best
stability. Please refer to Figures 8 and 9 for VREF line and load regulation characteristics.


Similar Part No. - UCC3819AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3819 TI-UCC3819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819 TI-UCC3819 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC3819 TI1-UCC3819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI-UCC3819D Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI1-UCC3819D Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3819AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com