Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10K175E2 Datasheet(PDF) 2 Page - EPCOS

Part # S10K175E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S10K175E2 Datasheet(HTML) 2 Page - EPCOS

  S10K175E2 Datasheet HTML 1Page - EPCOS S10K175E2 Datasheet HTML 2Page - EPCOS S10K175E2 Datasheet HTML 3Page - EPCOS S10K175E2 Datasheet HTML 4Page - EPCOS S10K175E2 Datasheet HTML 5Page - EPCOS S10K175E2 Datasheet HTML 6Page - EPCOS S10K175E2 Datasheet HTML 7Page - EPCOS S10K175E2 Datasheet HTML 8Page - EPCOS S10K175E2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
176 04/02
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
S05K130E2
B72205S2131K101
130
170
800
6,0
0,10
S07K130E2
B72207S2131K101
130
170
1750
12,5
0,25
S10K130E2
B72210S2131K101
130
170
3500
25,0
0,40
S14K130E2
B72214S2131K101
130
170
6000
50,0
0,60
S20K130E2
B72220S2131K101
130
170
10000
100,0
1,00
S05K140E2
B72205S2141K101
140
180
800
6,5
0,10
S07K140E2
B72207S2141K101
140
180
1750
13,5
0,25
S10K140E2
B72210S2141K101
140
180
3500
27,5
0,40
S14K140E2
B72214S2141K101
140
180
6000
55,0
0,60
S20K140E2
B72220S2141K101
140
180
10000
110,0
1,00
S05K150E2
B72205S2151K101
150
200
800
7,5
0,10
S07K150E2
B72207S2151K101
150
200
1750
15,0
0,25
S10K150E2
B72210S2151K101
150
200
3500
30,0
0,40
S14K150E2
B72214S2151K101
150
200
6000
60,0
0,60
S20K150E2
B72220S2151K101
150
200
10000
120,0
1,00
S05K175E2
B72205S2171K101
175
225
800
8,0
0,10
S07K175E2
B72207S2171K101
175
225
1750
17,0
0,25
S10K175E2
B72210S2171K101
175
225
3500
35,0
0,40
S14K175E2
B72214S2171K101
175
225
6000
70,0
0,60
S20K175E2
B72220S2171K101
175
225
10000
135,0
1,00
S05K210E2
B72205S2211K101
210
270
800
9,5
0,10
S07K210E2
B72207S2211K101
210
270
1750
20,0
0,25
S10K210E2
B72210S2211K101
210
270
3500
42,0
0,40
S14K210E2
B72214S2211K101
210
270
6000
80,0
0,60
S20K210E2
B72220S2211K101
210
270
10000
160,0
1,00
AdvanceD Series
Leaded Varistors


Similar Part No. - S10K175E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S10K175 ETC1-S10K175 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S10K175 EPCOS-S10K175 Datasheet
140Kb / 16P
   Leaded Varistors
logo
TDK Electronics
S10K175K11 TDK-S10K175K11 Datasheet
846Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
More results

Similar Description - S10K175E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com