Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3819ADR Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC3819ADR
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3819ADR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3819ADR Datasheet HTML 6Page - Texas Instruments UCC3819ADR Datasheet HTML 7Page - Texas Instruments UCC3819ADR Datasheet HTML 8Page - Texas Instruments UCC3819ADR Datasheet HTML 9Page - Texas Instruments UCC3819ADR Datasheet HTML 10Page - Texas Instruments UCC3819ADR Datasheet HTML 11Page - Texas Instruments UCC3819ADR Datasheet HTML 12Page - Texas Instruments UCC3819ADR Datasheet HTML 13Page - Texas Instruments UCC3819ADR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UCC2819A
UCC3819A
SLUS579 − OCTOBER, 2003
10
www.ti.com
APPLICATION INFORMATION
Figure 6
VFF − Feedforward Voltage − V
1.0
2.0
3.0
4.0
5.0
100
300
400
500
0
200
VAOUT = 3 V
VAOUT = 2 V
VAOUT = 4 V
VAOUT = 5 V
MULTIPLIER CONSTANT POWER PERFORMANCE
0.0
References and Resources:
Application Note: Differences Between UCC3817A/18A/19A and UCC3817/18/19, Texas Instruments
Literature Number SLUA294
User’s Guide: UCC3817 BiCMOS Power Factor Preregulator Evaluation Board, Texas Instruments Literature
Number SLUU077
Application Note: Synchronizing a PFC Controller from a Down Stream Controller Gate Drive, Texas
Instruments Literature Number SLUA245
Seminar topic: High Power Factor Switching Preregulator Design Optimization, L.H. Dixon, SEM−700,1990.
Seminar topic: High Power Factor Preregulator for Off−line Supplie”, L.H. Dixon, SEM−600, 1988.
Related Products
DEVICE
DESCRIPTION
CONTROL METHOD
TYPICAL POWER LEVEL
UCC3817/A,18/A
BiCMOS PFC controller
ACM(2)
75 W to 2 kW+
UC3854
PFC controller
ACM(2)
200 W to 2 kW+
UC3854A/B
Improved PFC controller
ACM(2)
200 W to 2 kW+
UC3855A/B
High performance soft switching PFC controller
ACM(2)
400 W to 2 kW+
UCC38050/1
Transition mode PFC controller
CRM(1)
50 W to 400 W
UCC28510/11/12/13
Advanced PFC+PWM combo controller
ACM(2)
75 W to 1kW+
UCC28514/15/16/17
Advanced PFC+PWM combo controller
ACM(2)
75 W to 1kW+
NOTES: (1). Critical conduction mode
(2). Average current mode


Similar Part No. - UCC3819ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3819 TI-UCC3819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819 TI-UCC3819 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC3819 TI1-UCC3819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI-UCC3819D Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI1-UCC3819D Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3819ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com