Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3819ADR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3819ADR
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3819ADR Datasheet(HTML) 3 Page - Texas Instruments

  UCC3819ADR Datasheet HTML 1Page - Texas Instruments UCC3819ADR Datasheet HTML 2Page - Texas Instruments UCC3819ADR Datasheet HTML 3Page - Texas Instruments UCC3819ADR Datasheet HTML 4Page - Texas Instruments UCC3819ADR Datasheet HTML 5Page - Texas Instruments UCC3819ADR Datasheet HTML 6Page - Texas Instruments UCC3819ADR Datasheet HTML 7Page - Texas Instruments UCC3819ADR Datasheet HTML 8Page - Texas Instruments UCC3819ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
UCC2819A
UCC3819A
SLUS579 − OCTOBER, 2003
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)
UCCx81xA
UNIT
Supply voltage VCC
18
V
Gate drive current, continuous
0.2
A
Gate drive current
1.2
A
Input voltage, CAI, MOUT, SS
8
Input voltage, PKLMT
5
V
Input voltage, VSENSE, OVP/EN, VAI
10
V
Input current, RT, IAC, PKLMT
10
mA
Maximum negative voltage, DRVOUT, PKLMT, MOUT
−0.5
V
Power dissipation
1
W
Junction temperature, TJ
−55 to 150
Storage temperature, Tstg
−65 to 150
°C
Lead temperature, Tsol (soldering, 10 seconds)
300
C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C for the UCC3819A, −40°C to 85°C for the UCC2819A, VCC = 12 V, RT = 22 kΩ, CT = 270 pF,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
Supply current, off
VCC = (VCC turnon threshold −0.3 V)
150
300
µA
Supply current, on
VCC = 12 V,
No load on DRVOUT
2
4
6
mA
UVLO
VCC turnon threshold
9.7
10.2
10.8
VCC turnoff threshold
9.4
9.7
V
UVLO hysteresis
0.3
0.5
V
Voltage Amplifier
VIO
VAOUT = 2.75 V,
VCM = 3.75 V
−15
15
mV
VAI bias current
VAOUT = 2.75 V,
VCM = 3.75 V
50
200
nA
VSENSE bias current
VSENSE = VREF,
VAOUT = 2.5 V
50
200
nA
CMRR
VCM = 1 V to 7.5 V
50
70
dB
Open loop gain
VAOUT = 2 V to 5 V
50
90
dB
High-level output voltage
IL = −150 µA
5.3
5.5
5.6
V
Low-level output voltage
IL = 150 µA
0
50
150
mV
NOTES: 1. Ensured by design, Not production tested.
2. Reference variation for VCC < 10.8 V is shown in Figure 2.


Similar Part No. - UCC3819ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3819 TI-UCC3819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819 TI-UCC3819 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC3819 TI1-UCC3819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI-UCC3819D Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI1-UCC3819D Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3819ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com