Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5025LAK-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # VND5025LAK-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5025LAK-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VND5025LAK-E Datasheet HTML 15Page - STMicroelectronics VND5025LAK-E Datasheet HTML 16Page - STMicroelectronics VND5025LAK-E Datasheet HTML 17Page - STMicroelectronics VND5025LAK-E Datasheet HTML 18Page - STMicroelectronics VND5025LAK-E Datasheet HTML 19Page - STMicroelectronics VND5025LAK-E Datasheet HTML 20Page - STMicroelectronics VND5025LAK-E Datasheet HTML 21Page - STMicroelectronics VND5025LAK-E Datasheet HTML 22Page - STMicroelectronics VND5025LAK-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
VND5025LAK-E
Electrical characteristics
19/31
Figure 17.
On state resistance vs Tcase
Figure 18.
On state resistance vs VCC
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
10
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Iout=3A
Vcc=13V
0
5
10
15
20
25
30
35
40
Vcc (V)
0
10
20
30
40
50
60
70
80
Ron (mOhm)
Tc= -40°C
Tc= 25°C
Tc= 125°C
Tc=150°C
Figure 19.
Undervoltage shutdown
Figure 20.
ILIMH vs Tcase
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
2
4
6
8
10
12
14
16
Vusd (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
10
20
30
40
50
60
70
80
90
100
Ilimh (A)
Vcc=13V
Figure 21.
Turn-on voltage slope
Figure 22.
Turn-off voltage slope
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
(dVout/dt)on (V/ms)
Vcc=13V
Rl=4.3Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
(dVout/dt)off (V/ms)
Vcc=13V
Rl=4.3Ohm


Similar Part No. - VND5025LAK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5025AK-E STMICROELECTRONICS-VND5025AK-E Datasheet
853Kb / 32P
   Double channel high side driver with analog current sense for automotive applications
VND5025AK-E STMICROELECTRONICS-VND5025AK-E Datasheet
857Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5025AK-E STMICROELECTRONICS-VND5025AK-E_08 Datasheet
857Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5025AKTR-E STMICROELECTRONICS-VND5025AKTR-E Datasheet
853Kb / 32P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5025LAK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com