Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83L603G Datasheet(PDF) 9 Page - Winbond

Part # W83L603G
Description  SMBus GPIO Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L603G Datasheet(HTML) 9 Page - Winbond

Back Button W83L603G Datasheet HTML 5Page - Winbond W83L603G Datasheet HTML 6Page - Winbond W83L603G Datasheet HTML 7Page - Winbond W83L603G Datasheet HTML 8Page - Winbond W83L603G Datasheet HTML 9Page - Winbond W83L603G Datasheet HTML 10Page - Winbond W83L603G Datasheet HTML 11Page - Winbond W83L603G Datasheet HTML 12Page - Winbond W83L603G Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
W83L603G/W83L604G
- 6 -
Bit4-Bit0: Configures the respective GPO1x output pads function as Open-drain (“0”; by default) or Push-
pull (“1”) mode.
Bit6-5: GP14 / BEEP multi-function configuration register
=11, BEEP frequency = 4KHz; tone = 250 Hz.
=10, BEEP frequency = 2KHz; tone = 10 Hz.
=01, BEEP frequency = 1KHz / 500 Hz; tone= 1 Hz.
=00, BEEP function is disabled on GP14.
Bit7: Reserved for future use.
Register 06h – GP1 interrupt control register
BIT
7
6
5
4
3
2
1
0
R/W
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
* This register configures the respective GPI1x pin interrupt control as disable (“0”; by default) or enable
(“1”).
*Clear interrupt status register (CR07) before set to enable.
Register 07h – GP1 interrupt status register
BIT
7
6
5
4
3
2
1
0
R/W
R/clr
R/clr
R/clr
R/clr
R/clr
R/clr
R/clr
R/clr
*The registers are read clear.
*Refer to Section 6.2.3 for implementation.
Register 08h – GP11-GP13 / LED multi-function configuration register
BIT
7
6
5
4
3
2
1
0
R/W
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Bit7-6: GP13 / LED multi-function configuration register
=11, GP13 functions LED output of 2Hz clock, 50% duty cycle.
=10, GP13 functions LED output of 1Hz clock, 50% duty cycle.
=01, GP13 functions LED output of 1/2 Hz clock, 50% duty cycle.
=00, LED function is disabled on GP13. (Default)
Bit5-4: GP12 / LED multi-function configuration register
=11, GP12 functions LED output of 2Hz clock, 50% duty cycle.
=10, GP12 functions LED output of 1Hz clock, 50% duty cycle.
=01, GP12 functions LED output of 1/2 Hz clock, 50% duty cycle.
=00, LED function is disabled on GP12. (Default)
Bit3-2: GP11 / LED multi-function configuration register
=11, GP11 functions LED output of 2Hz clock, 50% duty cycle.
=10, GP11 functions LED output of 1Hz clock, 50% duty cycle.
=01, GP11 functions LED output of 1/2 Hz clock, 50% duty cycle.
=00, LED function is disabled on GP11. (Default)
Bit1-0: GP10 / LED multi-function configuration register
=11, GP10 functions LED output of 2Hz clock, 50% duty cycle.
=10, GP10 functions LED output of 1Hz clock, 50% duty cycle.
=01, GP10 functions LED output of 1/2 Hz clock, 50% duty cycle.
=00, LED function is disabled on GP10. (Default)


Similar Part No. - W83L603G

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L603G NUVOTON-W83L603G Datasheet
653Kb / 23P
   SMBus GPIO Controller
More results

Similar Description - W83L603G

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
   SMBus GPIO Controller
W83L603G NUVOTON-W83L603G Datasheet
653Kb / 23P
   SMBus GPIO Controller
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
List of Unclassifed Man...
OZ968 ETC-OZ968 Datasheet
47Kb / 6P
   SMBus Smart Inverter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com