Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A24159DRCRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A24159DRCRG4
Description  0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159DRCRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3A24159DRCRG4 Datasheet HTML 4Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 5Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 6Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 7Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 8Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 9Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 10Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 11Page - Texas Instruments TS3A24159DRCRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
TS3A24159
0.3-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS238 – MARCH 2007
V
+ = 1.65 to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25
°C
0.4
0.9
Peak ON
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
rpeak
1.65 V
resistance
ICOM = –2 mA,
See Figure 10
Full
0.8
25
°C
0.3
0.45
ON-state
VNO or VNC = 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 10
Full
0.5
ON-state
25
°C
0.02
0.04
resistance match
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
∆r
on
1.65 V
between
ICOM = –2 mA,
See Figure 10
Full
0.05
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
0.13
ON-state
ICOM = –2 mA,
See Figure 10
resistance
ron(flat)
1.65 V
25
°C
0.08
0.15
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
flatness
ICOM = –8 mA,
See Figure 10
Full
0.2
NC, NO
VNC or VNO = 0.3 V, VCOM = 1.65 V,
25
°C
–10
10
INC(OFF),
Switch OFF,
OFF leakage
or
1.95
nA
INO(OFF)
See Figure 11
Full
–50
50
current
VNC or VNO = 1.65 V, VCOM = 0.3 V,
NC, NO
VNC or VNO = 0.3 V, VCOM = Open,
25
°C
–10
10
INC(ON),
Switch ON,
ON leakage
or
1.95 V
nA
INO(ON)
See Figure 12
Full
–100
100
current
VNC or VNO = 1.65 V, VCOM = Open,
COM
VNC or VNO = Open, VCOM = 0.3 V,
25
°C
–10
10
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
nA
See Figure 12
Full
–100
100
current
VNC or VNO = Open, VCOM = 1.65 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1
V
Input logic low
VIL
Full
0.4
V
25
°C
–40
5
40
Input leakage
IIH, IIL
VI = 1.95 V or 0
1.95 V
nA
current
Full
–50
50
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8
Submit Documentation Feedback


Similar Part No. - TS3A24159DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24159DRCRG4 TI-TS3A24159DRCRG4 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A24159DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_15 Datasheet
1Mb / 32P
[Old version datasheet]   TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com