Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32683-A153-K289 Datasheet(PDF) 8 Page - EPCOS

Part # B32683-A153-K289
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32683-A153-K289 Datasheet(HTML) 8 Page - EPCOS

Back Button B32683-A153-K289 Datasheet HTML 4Page - EPCOS B32683-A153-K289 Datasheet HTML 5Page - EPCOS B32683-A153-K289 Datasheet HTML 6Page - EPCOS B32683-A153-K289 Datasheet HTML 7Page - EPCOS B32683-A153-K289 Datasheet HTML 8Page - EPCOS B32683-A153-K289 Datasheet HTML 9Page - EPCOS B32683-A153-K289 Datasheet HTML 10Page - EPCOS B32683-A153-K289 Datasheet HTML 11Page - EPCOS B32683-A153-K289 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
185 12/00
MFP
Technical data
Climatic category
in accordance with IEC 60068-1
55/100/56
Lower category temperature Tmin
Upper category temperature Tmax
− 55 °C
+ 100 °C
Damp heat test
56 days/40
°C/93 % relative humidity
Limit values after damp
heat test
Capacitance change |
∆C/C|
≤ 2 %
Dissipation factor change
∆ tan δ ≤ 1,0 ⋅ 10−3 (at 10 kHz)
Insulation resistance Ris
≥ 50 % of minimum
or time constant
τ = CR ⋅ Ris
as-delivered values
Reliability:
Reference conditions
Failure rate
0,5
⋅ VR; 40 °C
1
⋅ 10−9/h = 1 fit
For a conversion table for other operating conditions and tem-
peratures, refer to chapter “Quality assurance”, page 327.
Service life
200 000 h
Failure criteria:
Total failure
Failure due to variation
of parameters
Short circuit or open circuit
Capacitance change |
∆C/C|
> 10 %
Dissipation factor tan
δ
4
⋅ upper limit values
Insulation resistance Ris
< 1500 MΩ(CR ≤ 0,33µF)
or time constant
τ = C
R ⋅ Ris
< 500 s
(C
R > 0,33µF)
DC test voltage
2,0
⋅ V
R, 2 s
Category voltage VC
Operation with dc voltage or
ac voltage Vrms up to 1 kHz
T
≤ 85 °C: V
C = 1,0 ⋅ VR or 1,0 ⋅ Vrms
Dissipation factor tan
δ (in 10−3)
at 20
°C
(upper limit values)
Insulation resistance Ris
or time constant
τ = C
R ⋅ Ris
at 20
°C, rel. humidity ≤ 65 %
(minimum as-delivered values)
CR ≤ 0,1 µF
CR > 0,1 µF
at
1 kHz
0,4
10 kHz
0,4
0,5
100 kHz
1,0
CR ≤ 0,33 µF
CR > 0,33 µF
100 G
30 000 s
… B 32 686
B32 682


Similar Part No. - B32683-A153-K289

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32683A0103 TDK-B32683A0103 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0153 TDK-B32683A0153 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0223 TDK-B32683A0223 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0333 TDK-B32683A0333 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0473 TDK-B32683A0473 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32683-A153-K289

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com