Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7366 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7366_07 Datasheet HTML 4Page - Analog Devices AD7366_07 Datasheet HTML 5Page - Analog Devices AD7366_07 Datasheet HTML 6Page - Analog Devices AD7366_07 Datasheet HTML 7Page - Analog Devices AD7366_07 Datasheet HTML 8Page - Analog Devices AD7366_07 Datasheet HTML 9Page - Analog Devices AD7366_07 Datasheet HTML 10Page - Analog Devices AD7366_07 Datasheet HTML 11Page - Analog Devices AD7366_07 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VDD to AGND, DGND
−0.3 V to +16.5 V
VSS to AGND, DGND
−16.5 V to +0.3 V
VDRIVE to DGND
−0.3 V to DVCC
VDD to AVCC
(VCC − 0.3 V) to +16.5 V
AVCC to AGND, DGND
−0.3 V to +7 V
DVCC to AVCC
−0.3 V to +0.3 V
DVCC to DGND
−0.3 V to +7 V
VDRIVE to AGND
−0.3 V to DVCC
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
VSS − 0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
DCAPB, DCAPB Input to AGND
−0.3 V to A VCC + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
128°C/W
θJC Thermal Impedance
42°C/W
Pb-free Temperature, Soldering
Reflow
260(+0)°C
ESD
1.5 kV
1 Transient currents of up to 100 mA will not cause latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7366_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5ARUZ AD-AD7366-5ARUZ Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5ARUZ-REEL7 AD-AD7366-5ARUZ-REEL7 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5BRUZ AD-AD7366-5BRUZ Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5BRUZ-REEL7 AD-AD7366-5BRUZ-REEL7 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results

Similar Description - AD7366_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com