Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7765BRUZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7765BRUZ-REEL7
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765BRUZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7765BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7765BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7765
Rev. 0 | Page 10 of 32
Pin No.
Mnemonic
Description
14
FSI
Frame Sync Input. The status of this pin is checked on the falling edge of SCO. If this pin is low, then the first
data bit is latched in on the next SCO falling edge. See the AD7765 Interface section for further details.
15
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to synchronize
multiple devices in a system. See the Synchronization section for further details.
16
RESET/
PWRDWN
Reset/Powerdown Pin. When a logic low is sensed on this pin, the part is powered down and all internal
circuitry is reset.
19
MCLK
Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate depends on the
frequency of this clock. See the Clocking the AD7765 section for more details.
18
DEC_RATE
Decimation Rate. This pin selects one of the three decimation rate modes. When 2.5 V is applied to this pin, a
decimation rate of 128× is selected. A decimation rate of 256× is selected by setting the pin to ground.


Similar Part No. - AD7765BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
More results

Similar Description - AD7765BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com