Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8176 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8176
Description  475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8176 Datasheet(HTML) 1 Page - Analog Devices

  AD8176 Datasheet HTML 1Page - Analog Devices AD8176 Datasheet HTML 2Page - Analog Devices AD8176 Datasheet HTML 3Page - Analog Devices AD8176 Datasheet HTML 4Page - Analog Devices AD8176 Datasheet HTML 5Page - Analog Devices AD8176 Datasheet HTML 6Page - Analog Devices AD8176 Datasheet HTML 7Page - Analog Devices AD8176 Datasheet HTML 8Page - Analog Devices AD8176 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
475 MHz, Triple 16 × 9
Video Crosspoint Switch
Preliminary Technical Data
AD8176
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Large, triple 16 x 9 high speed, non-blocking switch array
Differential or single-ended operation
Supports sync-on common-mode and sync-on color
operating modes
RGB and HV outputs available for driving monitor directly
G = +4 operation (differential input to differential output)
Flexible power supplies: +5 V or ±2.5 V
Logic ground for convenient control interface
Serial or parallel programming of switch array
High impedance output disable allows connection of
multiple devices with minimal loading on output bus
Adjustable output CM and black level through external pins
Excellent ac performance
Bandwidth: 475 MHz
Slew rate: 1800 V/μs
Settling time TBD ns to 1% to support 1600 × 1200 @ 85Hz
Low power of 3.5 W
Low all-hostile crosstalk
−68 dB @ 5 MHz
−40 dB @ 500 MHz
Wide input common-mode range of 4 V
Reset pin allows disabling of all outputs
Fully populated 26 x 26 ball PBGA package
(27 mm x 27 mm, 1 mm ball pitch)
Convenient grouping of RGB signals for easy routing
APPLICATIONS
RGB video switching
KVM
Professional video
FUNCTIONAL BLOCK DIAGRAM
2
2
2
2
2
2
2
2
2
2
2
2
INPUT
RECEIVER
G = +2
OUTPUT
BUFFER
G = +1
9
144
45
VBLK
VOCM_CMENCON
VOCM_CMENCOFF
R
G
B
R
G
B
CMENC
SERIN
RST
UPDATE
CS
CLK
WE
SER/PAR
D0 D1 D2 D3 D4 VPOS VNEG VDD
DGND
SEROUT
H
B
G
R
V
H
B
G
R
V
45
A0
A1
A2
A3
AD8176
1
0
SWITCH
MATRIX
G = +2
45-BIT SHIFT
REGISTER WITH
5-BIT PARALLEL
LOADING
DECODE
9 × 5:16 DECODERS
PARALLEL LATCH
Figure 1. AD8176
GENERAL DESCRIPTION
The AD8176 is a high speed, triple 16 × 9 video crosspoint
switch matrix. It supports 1600 × 1200 RGB displays @ 85 Hz
refresh rate, by offering a 475 MHz bandwidth and a slew rate
of 1800 V/μs. With −68 dB of crosstalk and TBD dB isolation
(@ 5 MHz), the AD8176 is useful in many high speed video
applications.
The AD176 supports two modes of operation: differential-in to
differential-out mode with sync-on CM signaling passed through
the switch and differential-in to differential-out mode with CM
signaling removed through the switch. The output CM and
black level can be can be conveniently set via external pins. The
outputs can be used single-ended in conjunction with decoded
H and V outputs to drive a monitor directly.
The independent output buffers of the AD8176 can be placed
into a high impedance state to create larger arrays by paralleling
crosspoint outputs. Inputs can be paralleled as well. The
AD8176 offers both serial and a parallel programming modes.
The AD8176 is packaged in a fully-populated 26 × 26 ball
PBGA package and is available over the extended industrial
temperature range of −40°C to +85°C.


Similar Part No. - AD8176

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8176 AD-AD8176 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8176ABPZ AD-AD8176ABPZ Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results

Similar Description - AD8176

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com