Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32683-A6104-K189 Datasheet(PDF) 4 Page - EPCOS

Part # B32683-A6104-K189
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32683-A6104-K189 Datasheet(HTML) 4 Page - EPCOS

  B32683-A6104-K189 Datasheet HTML 1Page - EPCOS B32683-A6104-K189 Datasheet HTML 2Page - EPCOS B32683-A6104-K189 Datasheet HTML 3Page - EPCOS B32683-A6104-K189 Datasheet HTML 4Page - EPCOS B32683-A6104-K189 Datasheet HTML 5Page - EPCOS B32683-A6104-K189 Datasheet HTML 6Page - EPCOS B32683-A6104-K189 Datasheet HTML 7Page - EPCOS B32683-A6104-K189 Datasheet HTML 8Page - EPCOS B32683-A6104-K189 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
181 12/00
MFP
Capacitance tolerance:
± 10 % =ˆ K, ± 5 % =ˆ J, (± 3,5 % upon request)
Ordering codes and packing units, lead spacing 15 mm
VR
(Vrms,
f
≤ 1 kHz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
630 Vdc
(300 Vac)
4,7 nF
5,0
× 10,5 × 18,0
B32682-A6472-+*** 1170
1300
1000
6,8 nF
5,0
× 10,5 × 18,0
B32682-A6682-+*** 1170
1300
1000
10 nF
5,0
× 10,5 × 18,0
B32682-A6103-+*** 1170
1300
1000
15 nF
6,0
× 11,0 × 18,0
B32682-A6153-+***
960
1100
1000
22 nF
7,0
× 12,5 × 18,0
B32682-A6223-+***
830
900
1000
33 nF
8,5
× 14,5 × 18,0
B32682-A6333-+***
680
700
500
47 nF
9,0
× 17,5 × 18,0
B32682-A6473-+***
640
700
500
1000 Vdc
(400 Vac)
3,3 nF
5,0
× 10,5 × 18,0
B32682-A332-+***
1170
1300
1000
4,7 nF
6,0
× 11,0 × 18,0
B32682-A472-+***
960
1100
1000
6,8 nF
7,0
× 12,5 × 18,0
B32682-A682-+***
830
900
1000
10 nF
8,5
× 14,5 × 18,0
B32682-A103-+***
680
700
500
15 nF
9,0
× 17,5 × 18,0
B32682-A153-+***
640
700
500
1250 Vdc
(450 Vac)
2,2 nF
5,0
× 10,5 × 18,0
B32682-A7222-+*** 1170
1300
1000
3,3 nF
6,0
× 11,0 × 18,0
B32682-A7332-+***
960
1100
1000
4,7 nF
7,0
× 12,5 × 18,0
B32682-A7472-+***
830
900
1000
6,8 nF
8,5
× 14,5 × 18,0
B32682-A7682-+***
680
700
500
10 nF
9,0
× 17,5 × 18,0
B32682-A7103-+***
640
700
500
1600 Vdc
(450 Vac)
1,5 nF
5,0
× 10,5 × 18,0
B32682-A1152-+*** 1170
1300
1000
2,2 nF
6,0
× 11,0 × 18,0
B32682-A1222-+***
960
1100
1000
3,3 nF
7,0
× 12,5 × 18,0
B32682-A1332-+***
830
900
1000
4,7 nF
8,5
× 14,5 × 18,0
B32682-A1472-+***
680
700
500
6,8 nF
9,0
× 17,5 × 18,0
B32682-A1682-+***
640
700
500
2000 Vdc
(500 Vac)
0,10 nF 5,0
× 10,5 × 18,0
B32682-A2101-+*** 1170
1300
1000
0,15 nF 5,0
× 10,5 × 18,0
B32682-A2151-+*** 1170
1300
1000
0,22 nF 5,0
× 10,5 × 18,0
B32682-A2221-+*** 1170
1300
1000
0,33 nF 5,0
× 10,5 × 18,0
B32682-A2331-+*** 1170
1300
1000
0,47 nF 5,0
× 10,5 × 18,0
B32682-A2471-+*** 1170
1300
1000
0,68 nF 5,0
× 10,5 × 18,0
B32682-A2681-+*** 1170
1300
1000
1,0 nF
5,0
× 10,5 × 18,0
B32682-A2102-+*** 1170
1300
1000
1,5 nF
6,0
× 11,0 × 18,0
B32682-A2152-+***
960
1100
1000
2,2 nF
7,0
× 12,5 × 18,0
B32682-A2222-+***
830
900
1000
3,3 nF
8,5
× 14,5 × 18,0
B32682-A2332-+***
680
700
500
4,7 nF
9,0
× 17,5 × 18,0
B32682-A2472-+***
640
700
500
1) +
Code letter for capacitance tolerance
*** Code number for packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
For capacitors with 3,2 mm lead length, append code number “3” to the tolerance code, e.g.: B32682-A6472-K3
B32 682
15


Similar Part No. - B32683-A6104-K189

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32683A0103 TDK-B32683A0103 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0153 TDK-B32683A0153 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0223 TDK-B32683A0223 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0333 TDK-B32683A0333 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32683A0473 TDK-B32683A0473 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32683-A6104-K189

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com